Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4538 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M54HC4538
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4538 Datasheet(HTML) 3 Page - STMicroelectronics

  M54HC4538 Datasheet HTML 1Page - STMicroelectronics M54HC4538 Datasheet HTML 2Page - STMicroelectronics M54HC4538 Datasheet HTML 3Page - STMicroelectronics M54HC4538 Datasheet HTML 4Page - STMicroelectronics M54HC4538 Datasheet HTML 5Page - STMicroelectronics M54HC4538 Datasheet HTML 6Page - STMicroelectronics M54HC4538 Datasheet HTML 7Page - STMicroelectronics M54HC4538 Datasheet HTML 8Page - STMicroelectronics M54HC4538 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BLOCK DIAGRAM
Notes : 1. Cx, Rx, Dx are external components.
2. Dx is a clamping diode.
3. The external capacitor is charged to VCC in the stand-by state, i.e. no trigger. When the supply voltage is turned off Cx is discharged
mainlythrough an internal parasitic diode (see figures). IfCx is sufficiently largeand VCC decreases rapidy, there willbesome possibility
of damaging the I.C. with a surge current or latch-up. If the voltage supply filter capacitor is large enough and VCC decrease slowly,
the surge current is automatically limited and damage the I.C. is avoided. The maximum forward current of the parasitic diode is ap-
proximately 20 mA. In cases where Cx is large the time taken for the supply voltage to fall to 0.4 VCC can be calculated as follows :
tf
≥ (VCC – 0.7) ⋅ Cx/20 mA
In cases where tf is too short an external champing diode is required to protect the I.C. from the surge current.
FUNCTIONAL DESCRIPTION
STAND-BY STATE
The external capacitor, Cx, is fully charged to VCC
in the stand-by state. Hence, before triggering, tran-
sistor Qp and Qn (connected to the Rx/Cx node) are
both turned off. The two comparators that control the
timing and the two reference voltage sources stop
operating. The total supply current is therefore only
leakage current.
TRIGGER OPERATION
Triggering occurs when :
1 st) A is ”low” and B has a falling edge ;
2 nd) B is ”high” and A has a rising edge ;
After the multivibrator has been retriggered com-
parator C1 and C2 start operating and Qn is turned
on. Cx then discharges through Qn. The voltage at
the node Rx/Cx external falls.
When it reaches VREFL the output of comparator C1
becomes low. This in turn resets the flip-flop and Qn
is turned off.
At this point C1 stops functioning but C2 continues
to operate. The voltage at R/C external begins to rise
with a time constant set by the external components
Rx, Cx.
Triggering the multivibrator causes Q to go high after
internal delay due to the flip-flop and the gate. Q re-
mains high until the voltage at R/C external rises
again to VREFH. At this point C2 output goes low and
G goes low. C2 stops operating. That means that
after triggering when the voltage at R/C external re-
turns to VREFH the multivibrator has returned to its
MONOSTABLE STATE. In the case where Rx
• Cx
are large enough and the discharge time of the ca-
pacitor and the delay time in the I.C. can be ignored,
the width of the output pulse tw (out) is as follows :
tW(OUT) = 0.72 Cx
• Rx
RE-TRIGGER OPERATION
When a second trigger pulse follows the first its ef-
fect will depend on the state of the multivibrator. If
the capacitor Cx is being charged the voltage level
of Rx/Cx external falls to VREFL again and Q remains
high i.e. the retrigger pulse arrives in a time shorter
than the period Rx
• Cx seconds, the capacitor
charging time constant. If the second trigger pulse
is very close to the initial trigger pulse it is ineffective
; i.e., the second trigger must arrive in the capacitor
discharge cycle to be ineffective.
Hence the minimum time for a second trigger to be
effective, trr (Min.) depends on VCC and Cx.
M54/ M74HC4538
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com