Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4538 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC4538
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4538 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC4538 Datasheet HTML 1Page - STMicroelectronics M54HC4538 Datasheet HTML 2Page - STMicroelectronics M54HC4538 Datasheet HTML 3Page - STMicroelectronics M54HC4538 Datasheet HTML 4Page - STMicroelectronics M54HC4538 Datasheet HTML 5Page - STMicroelectronics M54HC4538 Datasheet HTML 6Page - STMicroelectronics M54HC4538 Datasheet HTML 7Page - STMicroelectronics M54HC4538 Datasheet HTML 8Page - STMicroelectronics M54HC4538 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RESET OPERATION
CD is normally high. If CD is low, the trigger is not
effective because Q output goes low and trigger
control flip-flop is reset.
Also transistor Op is turned on and Cx is charged
quicky to VCC. This means if CD input goes low, the
IC becomes waiting state both in operating and non
operating state.
FUNCTIONAL DESCRIPTION (continued)
TRUTH TABLE
INPUTS
OUTPUTS
NOTE
AB
CD
Q
Q
H
H
OUTPUT ENABLE
X
L
H
L
H
INHIBIT
H
X
H
L
H
INHIBIT
L
H
OUTPUT ENABLE
X
X
L
L
H
INHIBIT
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1, 15
1T1, 2T1
External Capacitor
Connections
2, 14
1T2, 2T2
External Resistor/Capacitor
Connections
3, 13
1CD, 2CD
Direct Reset Inputs (Active
LOW)
4, 12
1A, 2A
Trigger Inputs (LOW to
HIGH, Edge-Triggered)
5, 11
1B, 2B
Trigger Inputs (HIGH to
LOW, Edge-Triggered)
6, 10
Q1, Q2
Pulse Outputs
7, 9
Q1, Q2
Complementary Pulse Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
M54/M74HC4538
4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com