Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200DDR Datasheet(PDF) 23 Page - Texas Instruments

Part # AMC0200DDR
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200DDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC0200DDR Datasheet HTML 19Page - Texas Instruments AMC0200DDR Datasheet HTML 20Page - Texas Instruments AMC0200DDR Datasheet HTML 21Page - Texas Instruments AMC0200DDR Datasheet HTML 22Page - Texas Instruments AMC0200DDR Datasheet HTML 23Page - Texas Instruments AMC0200DDR Datasheet HTML 24Page - Texas Instruments AMC0200DDR Datasheet HTML 25Page - Texas Instruments AMC0200DDR Datasheet HTML 26Page - Texas Instruments AMC0200DDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
7.3 Feature Description
7.3.1 Analog Input
The high-impedance input buffer on the INP pin feeds a second-order, switched-capacitor, feed-forward ΔΣ
modulator. The modulator converts the analog signal into a bitstream that is transferred across the isolation
barrier, as described in the Isolation Channel Signal Transmission section.
There are two restrictions on the analog input signal. First, if the input voltage exceeds the value specified
in the Absolute Maximum Ratings table, the input current must be limited to 10mA. This limitation is caused
by the device input electrostatic discharge (ESD) diodes turning on. Second, linearity and noise performance
are specified only when the input voltage is within the linear full-scale range (VFSR). VFSR is specified in the
Recommended Operating Conditions table.
7.3.2 Isolation Channel Signal Transmission
As shown in Figure 7-1, the AMC0x00D uses an on-off keying (OOK) modulation scheme to transmit the
modulator output bitstream across the SiO2-based isolation barrier. The transmit driver (TX) is illustrated in the
Functional Block Diagram . TX transmits an internally generated, high-frequency carrier across the isolation
barrier to represent a digital one. However, TX does not send a signal to represent a digital zero. The nominal
frequency of the carrier used inside the AMC0x00D is 480MHz.
The receiver (RX) on the other side of the isolation barrier recovers and demodulates the signal and provides
the input to the analog filter. The AMC0x00D transmission channel is optimized to achieve the highest level of
common-mode transient immunity (CMTI) and the lowest level of radiated emissions. The high-frequency carrier
and RX/TX buffer switching cause these emissions.
Modulator Bitstream
on High-side
Internal Clock
Signal Across Isolation Barrier
Recovered Sigal
on Low-side
Figure 7-1. OOK-Based Modulation Scheme
www.ti.com
AMC0200D, AMC0300D
SBASAR7A – SEPTEMBER 2025 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com