Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200DDR Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC0200DDR
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200DDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC0200DDR Datasheet HTML 9Page - Texas Instruments AMC0200DDR Datasheet HTML 10Page - Texas Instruments AMC0200DDR Datasheet HTML 11Page - Texas Instruments AMC0200DDR Datasheet HTML 12Page - Texas Instruments AMC0200DDR Datasheet HTML 13Page - Texas Instruments AMC0200DDR Datasheet HTML 14Page - Texas Instruments AMC0200DDR Datasheet HTML 15Page - Texas Instruments AMC0200DDR Datasheet HTML 16Page - Texas Instruments AMC0200DDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
6.13 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD1 = 3.0V to 5.5V, VDD2 = 3.0V to 5.5V, VINP =
–250mV to +250mV, and VINN = 0V; typical specifications are at TA = 25°C, VDD1 = 5V, and VDD2 = 3.3V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
CIN
Effective input sampling
capacitance
1.8
pF
RIN
Input impedance
25
27.5
30
kΩ
IINP
Input current
VIN = (VINP – VINN) = VFSR, MAX
9
μA
IINN
Input current
VIN = (VINP – VINN) = VFSR, MAX
–9
μA
CMTI
Common-mode transient immunity
|GND1 – GND2| = 1kV
150
V/ns
ANALOG OUTPUT
Nominal gain
8.2
V/V
VCMout
Common-mode output voltage
1.39
1.44
1.49
V
VCLIPout
Clipping differential output voltage
VOUT = (VOUTP – VOUTN);
|VIN| = |VINP – VINN| > |VClipping|
–2.52
±2.49
2.52
V
VFAILSAFE Failsafe differential output voltage
VDD1 missing
–2.63
–2.57
2.53
V
ROUT
Output resistance
On OUTP or OUTN
<0.2
Ω
Output short-circuit current
On OUTP or OUTN, sourcing or sinking,
INN = INP = GND1, outputs shorted to
either GND2 or VDD2
11
mA
DC ACCURACY
VOS
Offset voltage(1) (2)
TA = 25°C, INP = INN = GND1
–0.2
±0.01
0.2
mV
TCVOS
Offset drift(1) (2) (4)
–2
±0.25
2
µV/°C
EG
Gain error(1)
TA = 25°C
–0.25%
±0.04%
0.25%
TCEG
Gain drift(1) (5)
–35
±5
35 ppm/°C
Nonlinearity
–0.04%
0.04%
Output noise
INP = INN = GND1, fIN = 0Hz,
BW = 100kHz brickwall filter
400
µVRMS
CMRR
Common-mode rejection ratio
fIN = 0Hz, VCM min ≤ VCM ≤ VCM max
–100
dB
fIN = 10kHz, VCM min ≤ VCM ≤ VCM max
–87
PSRR
Power-supply rejection ratio(2)
VDD1 DC PSRR, INP = INN = GND1,
VDD1 from 3V to 5.5V
–89
dB
VDD1 AC PSRR, INP = INN = GND1,
VDD1 with 10kHz / 100mV ripple
–79
VDD2 DC PSRR, INP = INN = GND1,
VDD2 from 3V to 5.5V
–110
VDD2 AC PSRR, INP = INN = GND1,
VDD2 with 10kHz / 100mV ripple
–79
AC ACCURACY
BW
Output bandwidth
250
280
kHz
THD
Total harmonic distortion(3)
fIN = 10kHz
–82
dB
SNR
Signal-to-noise ratio
fIN = 1kHz, BW = 10kHz
80.5
85
dB
fIN = 10kHz, BW = 100kHz
77
POWER SUPPLY
IDD1
High-side supply current
5.4
6.7
mA
IDD2
Low-side supply current
6.4
9.9
mA
VDD1UV
High-side undervoltage detection
threshold
VDD1 rising
2.5
2.6
2.7
V
VDD1 falling
1.9
2.0
2.1
www.ti.com
AMC0200D, AMC0300D
SBASAR7A – SEPTEMBER 2025 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com