Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434BSDFHIALVR Datasheet(PDF) 86 Page - Texas Instruments

Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 86 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 82Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 83Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 84Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 85Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 86Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 87Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 88Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 89Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 282 page
background image
Table 5-64. PRU_ICSSG0 Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
PRG0_RGMII1_TX_CTL
O
PRU_ICSSG0 RGMII Transmit Control
T5
N4
PRG0_RGMII2_RXC
I
PRU_ICSSG0 RGMII Receive Clock
R5
F5
PRG0_RGMII2_RX_CTL
I
PRU_ICSSG0 RGMII Receive Control
W3
L3
PRG0_RGMII2_TXC
IO
PRU_ICSSG0 RGMII Transmit Clock
AA4
T3
PRG0_RGMII2_TX_CTL
O
PRU_ICSSG0 RGMII Transmit Control
U5
M4
PRG0_RGMII1_RD0
I
PRU_ICSSG0 RGMII Receive Data
Y1
J3
PRG0_RGMII1_RD1
I
PRU_ICSSG0 RGMII Receive Data
R4
J4
PRG0_RGMII1_RD2
I
PRU_ICSSG0 RGMII Receive Data
U2
G1
PRG0_RGMII1_RD3
I
PRU_ICSSG0 RGMII Receive Data
V2
H1
PRG0_RGMII1_TD0
O
PRU_ICSSG0 RGMII Transmit Data
Y3
L1
PRG0_RGMII1_TD1
O
PRU_ICSSG0 RGMII Transmit Data
AA3
K1
PRG0_RGMII1_TD2
O
PRU_ICSSG0 RGMII Transmit Data
R6
N1
PRG0_RGMII1_TD3
O
PRU_ICSSG0 RGMII Transmit Data
V4
N2
PRG0_RGMII2_RD0
I
PRU_ICSSG0 RGMII Receive Data
Y2
L5
PRG0_RGMII2_RD1
I
PRU_ICSSG0 RGMII Receive Data
W2
J2
PRG0_RGMII2_RD2
I
PRU_ICSSG0 RGMII Receive Data
V3
M2
PRG0_RGMII2_RD3
I
PRU_ICSSG0 RGMII Receive Data
T4
L2
PRG0_RGMII2_TD0
O
PRU_ICSSG0 RGMII Transmit Data
W4
P1
PRG0_RGMII2_TD1
O
PRU_ICSSG0 RGMII Transmit Data
Y4
P2
PRG0_RGMII2_TD2
O
PRU_ICSSG0 RGMII Transmit Data
T6
T4
PRG0_RGMII2_TD3
O
PRU_ICSSG0 RGMII Transmit Data
U6
R5
PRG0_UART0_CTSn
I
PRU_ICSSG0 UART Clear to Send (active low)
W6
Y3
PRG0_UART0_RTSn
O
PRU_ICSSG0 UART Request to Send (active low)
AA5
U1
PRG0_UART0_RXD
I
PRU_ICSSG0 UART Receive Data
Y5
R2
PRG0_UART0_TXD
O
PRU_ICSSG0 UART Transmit Data
V6
U2
Table 5-65. PRU_ICSSG1 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
PRG1_ECAP0_IN_APWM_OUT
IO
PRU_ICSSG1 Enhanced Capture (ECAP) Input or Auxiliary
PWM (APWM) Output
V12
AA13
PRG1_ECAP0_SYNC_IN
I
PRU_ICSSG1 ECAP Sync Input
Y13
Y15
PRG1_ECAP0_SYNC_OUT
O
PRU_ICSSG1 ECAP Sync Output
AA14
AA14
PRG1_IEP0_EDIO_OUTVALID (1)
O
PRU_ICSSG1 Industrial Ethernet Digital I/O Outvalid
D14
PRG1_IEP0_EDC_LATCH_IN0
I
PRU_ICSSG1 Industrial Ethernet Distributed Clock Latch
Input
V7
Y4
PRG1_IEP0_EDC_LATCH_IN1
I
PRU_ICSSG1 Industrial Ethernet Distributed Clock Latch
Input
U13
V13
PRG1_IEP0_EDC_SYNC_OUT0
O
PRU_ICSSG1 Industrial Ethernet Distributed Clock Sync
Output
W7
U3
PRG1_IEP0_EDC_SYNC_OUT1
O
PRU_ICSSG1 Industrial Ethernet Distributed Clock Sync
Output
U7
T2
PRG1_IEP0_EDIO_DATA_IN_OUT28
IO
PRU_ICSSG1 Industrial Ethernet Digital I/O Data Input/Output
U15
W16
PRG1_IEP0_EDIO_DATA_IN_OUT29
IO
PRU_ICSSG1 Industrial Ethernet Digital I/O Data Input/Output
U14
W13
PRG1_IEP0_EDIO_DATA_IN_OUT30
IO
PRU_ICSSG1 Industrial Ethernet Digital I/O Data Input/Output
V14
Y16
PRG1_IEP0_EDIO_DATA_IN_OUT31
IO
PRU_ICSSG1 Industrial Ethernet Digital I/O Data Input/Output
W14
U13
PRG1_IEP1_EDC_LATCH_IN0
I
PRU_ICSSG1 Industrial Ethernet Distributed Clock Latch
Input
Y13
Y15
PRG1_IEP1_EDC_LATCH_IN1
I
PRU_ICSSG1 Industrial Ethernet Distributed Clock Latch
Input
V15
Y14
PRG1_IEP1_EDC_SYNC_OUT0
O
PRU_ICSSG1 Industrial Ethernet Distributed Clock Sync
Output
V12
AA13
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
86
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com