Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434BSDFHIALVR Datasheet(PDF) 89 Page - Texas Instruments

Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 85Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 86Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 87Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 88Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 89Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 90Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 91Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 92Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 282 page
background image
Table 5-65. PRU_ICSSG1 Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
PRG1_PWM1_A0
IO
PRU_ICSSG1 PWM Output A
V10
AA8
PRG1_PWM1_A1
IO
PRU_ICSSG1 PWM Output A
AA11
W9
PRG1_PWM1_A2
IO
PRU_ICSSG1 PWM Output A
Y10
Y8
PRG1_PWM1_B0
IO
PRU_ICSSG1 PWM Output B
U10
Y9
PRG1_PWM1_B1
IO
PRU_ICSSG1 PWM Output B
Y11
V9
PRG1_PWM1_B2
IO
PRU_ICSSG1 PWM Output B
AA14
AA14
PRG1_PWM2_A0
IO
PRU_ICSSG1 PWM Output A
N16, W8
AA4
PRG1_PWM2_A1
IO
PRU_ICSSG1 PWM Output A
P17, W13
Y13
PRG1_PWM2_A2
IO
PRU_ICSSG1 PWM Output A
AA12, V21
U19, Y11
PRG1_PWM2_B0
IO
PRU_ICSSG1 PWM Output B
N17, Y8
AA5
PRG1_PWM2_B1
IO
PRU_ICSSG1 PWM Output B
U14, Y18
W13
PRG1_PWM2_B2
IO
PRU_ICSSG1 PWM Output B
R16, W12
V20, Y12
PRG1_PWM3_A0
IO
PRU_ICSSG1 PWM Output A
Y7
V4
PRG1_PWM3_A1
IO
PRU_ICSSG1 PWM Output A
AA7
Y2
PRG1_PWM3_A2
IO
PRU_ICSSG1 PWM Output A
V8
Y5
PRG1_PWM3_B0
IO
PRU_ICSSG1 PWM Output B
U8
W5
PRG1_PWM3_B1
IO
PRU_ICSSG1 PWM Output B
U13
V13
PRG1_PWM3_B2
IO
PRU_ICSSG1 PWM Output B
V13
U14
PRG1_RGMII1_RXC
I
PRU_ICSSG1 RGMII Receive Clock
AA7
Y2
PRG1_RGMII1_RX_CTL
I
PRU_ICSSG1 RGMII Receive Control
Y8
AA5
PRG1_RGMII1_TXC
IO
PRU_ICSSG1 RGMII Transmit Clock
V9
W6
PRG1_RGMII1_TX_CTL
O
PRU_ICSSG1 RGMII Transmit Control
Y9
Y7
PRG1_RGMII2_RXC
I
PRU_ICSSG1 RGMII Receive Clock
U11
V10
PRG1_RGMII2_RX_CTL
I
PRU_ICSSG1 RGMII Receive Control
W12
Y12
PRG1_RGMII2_TXC
IO
PRU_ICSSG1 RGMII Transmit Clock
Y10
Y8
PRG1_RGMII2_TX_CTL
O
PRU_ICSSG1 RGMII Transmit Control
Y11
V9
PRG1_RGMII1_RD0
I
PRU_ICSSG1 RGMII Receive Data
Y7
V4
PRG1_RGMII1_RD1
I
PRU_ICSSG1 RGMII Receive Data
U8
W5
PRG1_RGMII1_RD2
I
PRU_ICSSG1 RGMII Receive Data
W8
AA4
PRG1_RGMII1_RD3
I
PRU_ICSSG1 RGMII Receive Data
V8
Y5
PRG1_RGMII1_TD0
O
PRU_ICSSG1 RGMII Transmit Data
AA8
V5
PRG1_RGMII1_TD1
O
PRU_ICSSG1 RGMII Transmit Data
U9
W2
PRG1_RGMII1_TD2
O
PRU_ICSSG1 RGMII Transmit Data
W9
V6
PRG1_RGMII1_TD3
O
PRU_ICSSG1 RGMII Transmit Data
AA9
AA7
PRG1_RGMII2_RD0
I
PRU_ICSSG1 RGMII Receive Data
W11
AA10
PRG1_RGMII2_RD1
I
PRU_ICSSG1 RGMII Receive Data
V11
Y10
PRG1_RGMII2_RD2
I
PRU_ICSSG1 RGMII Receive Data
AA12
Y11
PRG1_RGMII2_RD3
I
PRU_ICSSG1 RGMII Receive Data
Y12
V12
PRG1_RGMII2_TD0
O
PRU_ICSSG1 RGMII Transmit Data
AA10
Y6
PRG1_RGMII2_TD1
O
PRU_ICSSG1 RGMII Transmit Data
V10
AA8
PRG1_RGMII2_TD2
O
PRU_ICSSG1 RGMII Transmit Data
U10
Y9
PRG1_RGMII2_TD3
O
PRU_ICSSG1 RGMII Transmit Data
AA11
W9
PRG1_UART0_CTSn
I
PRU_ICSSG1 UART Clear to Send (active low)
U15
W16
PRG1_UART0_RTSn
O
PRU_ICSSG1 UART Request to Send (active low)
U14
W13
PRG1_UART0_RXD
I
PRU_ICSSG1 UART Receive Data
V14
Y16
PRG1_UART0_TXD
O
PRU_ICSSG1 UART Transmit Data
W14
U13
(1)
The PRG1_IEP0_EDIO_OUTVALID signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com