Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4353 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HC4353
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4353 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC4353 Datasheet HTML 1Page - STMicroelectronics M54HC4353 Datasheet HTML 2Page - STMicroelectronics M54HC4353 Datasheet HTML 3Page - STMicroelectronics M54HC4353 Datasheet HTML 4Page - STMicroelectronics M54HC4353 Datasheet HTML 5Page - STMicroelectronics M54HC4353 Datasheet HTML 6Page - STMicroelectronics M54HC4353 Datasheet HTML 7Page - STMicroelectronics M54HC4353 Datasheet HTML 8Page - STMicroelectronics M54HC4353 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DC SPECIFICATIONS
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
VEE
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHC
High Level
Control Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VILC
Low Level Control
Input
Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
RON
ON Resistance
4.5 GND
VIN =VIHC or
VILC
VI/O =VCC to
VEE
II/O
≤ 2mA
85
180
225
Ω
4.5
-4.5
55
120
150
6.0
-6.0
50
100
125
2.0 GND
VIN =VIHC or
VILC
VI/O =VCC or
VEE
II/O
≤ 2mA
150
4.5 GND
70
150
190
4.5
-4.5
50
100
125
6.0
-6.0
45
80
100
∆RON
Difference of ON
Resistance
Between Switches
4.5 GND
VIN =VIHC or
VILC
VI/O =VCC to
VEE
II/O
≤ 2mA
10
30
35
Ω
4.5
-4.5
5
12
15
6.0
-6.0
5
10
12
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
6.0
-6.0
VOS =VCC or
GND
VIS = GND or
VCC
VIN =VILC
±100
±1000
±
nA
IIZ
Switch Input
Leakage Current
(SWITCH ON)
6.0
-6.0
VOS =VCC or
GND
VINH =VIHC
±100
±1000
±
nA
IIN
Control Input
Current
6.0 GND
VIN =VCC or
GND
±0.1
±1
±1
µA
ICC
Quiescent Supply
Current
6.0 GND
VIN =VCC or
GND
440
80
µA
6.0
-6.0
8
80
160
M54/M74HC4351/4352/4353
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com