Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4353 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4353
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4353 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4353 Datasheet HTML 1Page - STMicroelectronics M54HC4353 Datasheet HTML 2Page - STMicroelectronics M54HC4353 Datasheet HTML 3Page - STMicroelectronics M54HC4353 Datasheet HTML 4Page - STMicroelectronics M54HC4353 Datasheet HTML 5Page - STMicroelectronics M54HC4353 Datasheet HTML 6Page - STMicroelectronics M54HC4353 Datasheet HTML 7Page - STMicroelectronics M54HC4353 Datasheet HTML 8Page - STMicroelectronics M54HC4353 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
M54HC4351/52/53
M74HC4351/52/53
November 1993
SINGLE 8 CHANNEL, DUAL 4 CHANNEL, TRIPLE 2 CHANNEL
ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH:
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXXF1R
M74HCXXXXM1R
M74HCXXXXB1R
M74HCXXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTION (top view)
.
LOGIC LEVEL TRANSLATION TO ENABLE 5V
LOGIC SIGNAL TO COMMUNICATE WITH
±5V ANALOG SIGNAL
.
WIDE OPERATING VOLTAGE RANGE
(VCC -VEE) 2V TO 12V
.
LOW ”ON” RESISTANCE:
70
Ω TYP. (VCC -VEE = 4.5 V)
50
Ω TYP. (VCC -VEE =9 V)
.
WIDE ANALOG INPUT VOLTAGE RANGE:
±6V
.
FAST SWITCHING
.
LOW CROSSTALK BETWEEN SWITCHES
.
HIGH ON/OFF OUTPUT VOLTAGE RATIO
.
LOW SINE WAVE DISTORTION:
0.02% (TYP.) AT VCC -VEE =9 V
.
HIGH NOISE IMMUNITY
VNIH =VNIL = 28% VCC (MIN.)
.
LOW POWER DISSIPATION
ICC =4
µA (MAX) AT TA =25 oC
DESCRIPTION
HC4353
HC4352
HC4351
These
devices
are
analog
multiplexer
demultiplexers in high speed silicon gate C
2MOS
technology. These analog switches are bidirectional
and digitally controlled. A built-in level shifting is
included to allow them a control input range of up to
± 6V (peak) for an analog signal with digital control
signal of 0 to 6V.
VEE supply pin is provided for analog input signals.
They have two enable inputs to enable all the
switches when high (EN2) or low (EN1). For
operation as a digital multiplexer/demultiplexer, VEE
is connected to GND.
The HC4351 is a single 8 channel multiplexer
demultiplexer having three binary control inputs A,
B and C to select 1 of 8 to be turned on, and
connected to the output.
The HC4352 has a pair of four channel multiplexer
demultiplexer having two control inputs A and B that
select one of four channel of the two sections.
The HC4353 is a triple two channel multiplexer
demultiplexer having three separate digital control
inputs A, B and C to select independently one of a
pair of channles.
1/16


Similar Part No. - M54HC4353

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4316 STMICROELECTRONICS-M54HC4316 Datasheet
270Kb / 11P
QUAD BILATERAL SWITCH
Jul-2001
M54HC4316 STMICROELECTRONICS-M54HC4316 Datasheet
90Kb / 11P
QUAD BILATERAL SWITCH
Jul-2001
M54HC4316F1R STMICROELECTRONICS-M54HC4316F1R Datasheet
270Kb / 11P
QUAD BILATERAL SWITCH
Jul-2001
More results

Similar Description - M54HC4353

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4351 PHILIPS-74HC4351 Datasheet
135Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051 Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
logo
Motorola, Inc
MC10130 MOTOROLA-MC10130 Datasheet
830Kb / 2P
DUAL LATCH
logo
ON Semiconductor
MC10H130 ONSEMI-MC10H130 Datasheet
140Kb / 5P
Dual Latch
February, 2006 ??Rev. 8
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
4CHANNEL BTL DRIVER FOR CD PLAYERS
logo
NXP Semiconductors
74HC4351D-T NXP-74HC4351D-T Datasheet
116Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC_HCT4351_CNV PHILIPS-74HC_HCT4351_CNV_15 Datasheet
129Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
ON Semiconductor
ESD7554 ONSEMI-ESD7554 Datasheet
230Kb / 7P
4Channel DualVoltage Protection Array
November, 2010 ??Rev. 0
logo
Integrated Device Techn...
HXT5104A IDT-HXT5104A Datasheet
368Kb / 2P
4Channel 14Gbps VCSEL Driver
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com