Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX2 Datasheet(PDF) 3 Page - YORKVILLE

Part # EX2
Description  EX2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

EX2 Datasheet(HTML) 3 Page - YORKVILLE

  EX2 Datasheet HTML 1Page - YORKVILLE EX2 Datasheet HTML 2Page - YORKVILLE EX2 Datasheet HTML 3Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
élite
Powered Series
yorkville.com
Specifications
System Type
Self Contained Loudspeaker System
Active or Passive
Active
Program Power (Watts)
2x 225 / 1200
Max SPL (dB)
119 / 128
Frequency Response (Hz +/- 3dB)
100 - 18,000 / 42 - 100
Crossover Frequency (Hz)
2200
Driver Configuration
2 1x12 inch / 1 1x18 inch
HF Driver(s)
1 inch Mylar
HF Impedance (Ohms)
4
HF Horn
ABS Plastic Custom Waveguide
HF Dispersion (°H x °V)
90 x 30
HF Protection
CTL
MF Driver(s)
12 inch (2 inch voicecoil)
MF Program Power (Watts)
127
LF Driver(s)
18 inch (4 inch voicecoil)
LF Program Power(Watts)
1200
LF Protection
Excursion / Clipping / Thermal
HF Power Amplifier (Watts)
225
LF Power Amplifier (Watts)
1200
Power Cable
IEC Detachable
Power Switch
Yes
Power Consumption (typ/max)
7 / 8.4 @ 60Hz - 3,5 / 4,2 @ 50Hz
Inputs - 1/4" Jacks
2
Inputs - XLR
2
Mixer Controls
Subwoofer level control / Left and Right satellite level controls
LED Indicators
Clipping
Feet
Yes
Wheels
Dolly Board
Bar Handles
Yes
Pole Mount Adapter (1 3/8"-3.5cm)
Yes
Enclosure Materials
15mm 11-ply birch
Grille
Curved Perforated Metal Grille
Covering / Finish
Black Ozite carpet
Optional Covering / Finishes
Black Hard Painted Finish (EX2B)
Specifications subject to change without notice
EX2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com