Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX2 Datasheet(PDF) 1 Page - YORKVILLE

Part # EX2
Description  EX2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

EX2 Datasheet(HTML) 1 Page - YORKVILLE

  EX2 Datasheet HTML 1Page - YORKVILLE EX2 Datasheet HTML 2Page - YORKVILLE EX2 Datasheet HTML 3Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
élite
Powered Series
EX2
Overview
The élite éXcursion Series is the ideal marriage of Yorkville Sound's
loudspeaker design experience, electronics innovation and power
amplifier engineering. We have taken our 40 plus years as an industry
innovator and pushed the boundaries yet again to create the ultimate
"all-in-one" complete and convenient PA system solution for live sound
or mobile DJ applications.
The simple concept behind the élite éXcursion2000 was to create a
powerful effective and mobile active stereo club system PA centered around
one 18-inch subwoofer and two 12-inch / 1-inch satellite loudspeakers. The
core of the élite éXcursion2000 is the single 1200-watt (1900 watts burst)
active subwoofer loaded with the same powerful 18-inch driver used in the
popular élite LS1208 subwoofer, the flagship of the élite passive subwoofer
line. Powering all 3 cabinets is a breeze with all three separate power
amplifiers being incorporated into the electronics of the active subwoofer.
A complete, self contained and powered system with passive and active
crossover networks, equalization, and separate stereo and subwoofer level
control all built in, making the élite éXcursion Series the ultimate in compact
live/DJ systems. A complete PA system that truly is "Plug and Play".
All of the élite éXcursion Series products are built to Yorkville's exacting
standards and include our famous two year (even if you break it!)
transferable warranty.* The latest in amplifier technology is incorporated
in all éXcursion systems ensuring ultra quiet, highly efficient, high output,
low distortion, and light weight from a combination of Class D and 3-tier
Class A/B amplifier topologies.
Three separate power amplifiers are incorporated into the electronics of
the éXcursion2000 active subwoofer. Yorkville's proven high-output,
low-distortion class-D technology is used for the 1200-Watt Subwoofer
amplifier. The mid / high enclosures in the élite éXcursion2000 are driven
by a stereo 450-Watt, three-tier Class A/B power amplifier. This design
was chosen to deliver ample power with extremely low distortion. An
integrated, dual-function electronic crossover network ensures
acoustically perfect transition between the subwoofer and the mid / high
satellite speakers while its opto-limiter circuitry provides an unobtrusive
and 'musical sounding' compression that not only protects the speaker
components, but also ensures balanced and clear reproduction from the
satellite cabinets.
éXcursion2000 Ready to Roll The entire system can be connected to any
mono or stereo mixer source through either XLR or 1⁄4-inch TRS balanced
inputs. The satellite speakers are connected to the subwoofer with two 25-
foot (8m) Speakon™ speaker cables that are included with the package.
The system is powered by one AC line cord ensuring quick and convenient
set-up and teardown, with a minimum of cabling and connectivity around
the stage. To ensure trouble free movement from Point A to Point B, the
éXcursion2000 comes shipped with a detachable swivel caster dolly and
Velcro™ tie down strap for the satellite cabinets. Unlike competitive
system solutions, the caster kit from the élite éXcursion2000 does not
remain attached to the subwoofer when the system is in use, eliminating
caster buzz and rattle during live performances. Nesting the satellite
speakers on top of the subwoofer is a breeze thanks to the uniquely routed
channel, sized and shaped specifically to match the contours of the
éXcursion2000 satellite speakers. This ensures a snug, hassle free teardown
at the end of a long night.
Great care was taken during the initial circuit design to ensure good
common mode rejection (50 / 60-cycle hum rejection) at the input so this
PA system is as free from extraneous noise as possible while in use.
Separate gain controls for subwoofer and for the right and left satellite
cabinets are easily accessible from the back panel. Warning lights show
the user when the system is limiting or clipping at the input. True to
Yorkville loudspeaker design, all of the cabinets in the élite éXcursion2000
are made with strong, durable plywood, not MDF or composites.
*Warranty valid in U.S.A. and Canada only
yorkville.com


Similar Part No. - EX2

ManufacturerPart #DatasheetDescription
logo
NEC
EX2 NEC-EX2 Datasheet
926Kb / 7P
Miniature Relays
EX2 NEC-EX2 Datasheet
232Kb / 7P
Automotive Relays
March 2004
EX2/1-2U1 NEC-EX2/1-2U1 Datasheet
232Kb / 7P
Automotive Relays
March 2004
EX2/1-2U1S NEC-EX2/1-2U1S Datasheet
232Kb / 7P
Automotive Relays
March 2004
logo
Pulse A Technitrol Comp...
EX2001 PULSE-EX2001 Datasheet
126Kb / 2P
EXTENDED TEMPERATURE SURFACE MOUNT 10BASE-T INTERFACE MODULES
More results

Similar Description - EX2

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-79EQPZ-EX2-C ATGBICS-AFBR-79EQPZ-EX2-C Datasheet
542Kb / 15P
AFBR-79EQPZ-EX2 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com