Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5202FDB5F21 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LPW5202FDB5F21
Description  High-Side Load Switch with Over-Current Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5202FDB5F21 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LPW5202FDB5F21 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 5Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 6Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 7Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 8Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 9Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 10Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 11Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.lowpowersemi.com
Email: marketing@lowpowersemi.com
Page 7 of 14
LPW5202
LPW5202 Rev1.7 June-2022
Typical Timing Diagram
Figure 5. Start-up and over current protection
Typical Characteristics and Diagrams
Figure 6. Quiescent Current vs Input Voltage
(CIN=COUT=1μF, VEN= VIN, no load, TA = 25 °C)
Figure 7. Quiescent Current vs Temperature
(CIN=COUT=1μF, VEN = VIN, no load, VIN = 5V)
Figure 8. Shutdown Current vs Input Voltage
(CIN=COUT=1μF, VEN= 0V, no load, TA = 25 °C)
Figure 9. On-Resistance vs Input Voltage
(VEN = VIN, ILOAD = 1A, TA = 25 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com