Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5202FDB5F21 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPW5202FDB5F21
Description  High-Side Load Switch with Over-Current Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5202FDB5F21 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPW5202FDB5F21 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 5Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 6Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 7Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 8Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.lowpowersemi.com
Email: marketing@lowpowersemi.com
Page 1 of 14
LPW5202
LPW5202 Rev1.7 June-2022
High-Side Load Switch with Over-Current Protection
Features
⚫
2.4V to 6V input voltage range
⚫
Low on-state resistance to 70m
Ω
⚫
30
μA low current consumption
⚫
Ultra-low shutdown current (<100nA)
⚫
Fixed or adjustable current limit
-
Fixed: 0.65A, 1.35A, 1.6A, 2.3A
-
Adjustable: 200mA to 2.5A
⚫
Under-voltage lockout
⚫
Blocking reverse current
⚫
Thermal shutdown protection
⚫
Fast current limit response
⚫
ESD Protection:
-
Human Body Model: 4kV
-
Charged Device Model: 0.5kV
⚫
SOT23-5 Package
⚫
UL Approved File No. E526435
Applications
⚫
Notebook and PC
⚫
Cell phone and PDAs
⚫
USB or other peripheral ports
⚫
Camera
General Description
The LPW5202 is a series of load switches which provide
full protection to systems and loads which may encounter
large current conditions.
The device contains a
70mΩ current-limited P-channel
MOSFET which can operate over an input voltage range
from 2.4V to 6V. The current limit is fixed or could be
settable using an external resistor. When the current
reaches the threshold, the device will limit the current to
constant value to prohibit excessive currents from causing
damage. Internally, current is prevented from flowing when
the MOSFET is off and the output voltage is higher than
the input voltage. Switch is controlled by an active-high
logic pin. Thermal shutdown protection is integrated which
shuts off the switch to prevent damage to the part when a
continuous
over-current
condition causes
excessive
heating.
The device part LPW5202SDB5F11, LPW5202FDB5F11,
LPW5202FB5F21 and LPW5202FDB5F21 have certified
by UL/CUL62368-1 2nd.
These parts are available in a space-saving 5 pin SOT23
package.
Ordering and Package Information
Device
Marking
Current
Limiting (typ)
Output
Discharge
Flag
indicator
Package
Shipping
LPW5202AB5F
Adjustable
No
No
SOT23-5
3K/REEL
LPW5202ADB5F
LPS
D0YWX
Adjustable
Yes
No
SOT23-5
3K/REEL
LPW5202FB5F21
LPS
1WYWX
2.3A
No
Yes
SOT23-5
3K/REEL
LPW5202FDB5F21
LPS
D3YWX
2.3A
Yes
Yes
SOT23-5
3K/REEL
LPW5202FB5F15
1.6A
No
Yes
SOT23-5
3K/REEL
LPW5202FDB5F15
1.6A
Yes
Yes
SOT23-5
3K/REEL
LPW5202FB5F11
1.35A
No
Yes
SOT23-5
3K/REEL
LPW5202FDB5F11
LPS
D2YWX
1.35A
Yes
Yes
SOT23-5
3K/REEL
LPW5202FB5F06
0.7A
No
Yes
SOT23-5
3K/REEL
LPW5202FDB5F06
LPS
D1YWX
0.7A
Yes
Yes
SOT23-5
3K/REEL
LPW5202SB5F21
2.3A
No
No
SOT23-5
3K/REEL
SOT23-5


Similar Part No. - LPW5202FDB5F21

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
Power Distribution Switches
LPW5202-B5F POWER-LPW5202-B5F Datasheet
372Kb / 8P
Power Distribution Switches
More results

Similar Description - LPW5202FDB5F21

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
Over-Voltage Protection Load Switch
logo
ETA SOLUTIONS CO. LIMIT...
ETA6121 ETA-ETA6121 Datasheet
291Kb / 1P
Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
Over-Voltage Protection Load Switch with Surge Protection
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
Over-Voltage Protection Load Switch
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
Over-Voltage Protection Load Switch
logo
Shanghai Leiditech Elec...
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
Over-Voltage Protection Load Switch with Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com