Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB Datasheet(PDF) 1 Page - ABB

Part # PCB
Description  New PCB Power Terminal Block with Spring Lever Technology (SLT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PCB Datasheet(HTML) 1 Page - ABB

  PCB Datasheet HTML 1Page - ABB PCB Datasheet HTML 2Page - ABB PCB Datasheet HTML 3Page - ABB PCB Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
► Wire up to 4 mm² (10 AWG)
► Up to 30A and 400 V
►Spacing: 6.35, 7.62, 9.52 mm
Technical performance
Through Hole
Reflow compatible
(THR)


Similar Part No. - PCB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
332Kb / 3P
Vertical and horizontal version
PCB TEC-PCB Datasheet
192Kb / 2P
Power PCB Relay RPII/2 1.5 mm Contact Gap
Rev. 0718
logo
Tyco Electronics
PCB MACOM-PCB Datasheet
699Kb / 3P
Miniature PCB Relay PCH
09-2010, Rev. 0910
logo
Anderson Power Products...
PCB APP-PCB Datasheet
235Kb / 2P
45 amp High Power PCB
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
1Mb / 2P
PCFN SOLAR High Performance Power PCB Relay
05/2014
More results

Similar Description - PCB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1190368 PHOENIX-1190368 Datasheet
591Kb / 14P
PCB terminal block, Lever Push-in connection
1190297 PHOENIX-1190297 Datasheet
584Kb / 14P
PCB terminal block, Lever Push-in connection
1190363 PHOENIX-1190363 Datasheet
580Kb / 14P
PCB terminal block, Lever Push-in connection
1190364 PHOENIX-1190364 Datasheet
583Kb / 14P
PCB terminal block, Lever Push-in connection
1190372 PHOENIX-1190372 Datasheet
495Kb / 14P
PCB terminal block, Lever Push-in connection
1190299 PHOENIX-1190299 Datasheet
589Kb / 14P
PCB terminal block, Lever Push-in connection
1190300 PHOENIX-1190300 Datasheet
591Kb / 14P
PCB terminal block, Lever Push-in connection
1119812 PHOENIX-1119812 Datasheet
465Kb / 14P
PCB terminal block, Lever Push-in connection
1119817 PHOENIX-1119817 Datasheet
465Kb / 14P
PCB terminal block, Lever Push-in connection
1119818 PHOENIX-1119818 Datasheet
565Kb / 14P
PCB terminal block, Lever Push-in connection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com