Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC564 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC564
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC564 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC564 Datasheet HTML 3Page - STMicroelectronics M54HC564 Datasheet HTML 4Page - STMicroelectronics M54HC564 Datasheet HTML 5Page - STMicroelectronics M54HC564 Datasheet HTML 6Page - STMicroelectronics M54HC564 Datasheet HTML 7Page - STMicroelectronics M54HC564 Datasheet HTML 8Page - STMicroelectronics M54HC564 Datasheet HTML 9Page - STMicroelectronics M54HC564 Datasheet HTML 10Page - STMicroelectronics M54HC564 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SWITCHING CHARACTERISTICS TEST WAVEFORM
tPLZ,tPZL
The 1K
Ω load resistors should be connected between
outputs and VCC line and the 50pF load capacitors
should be connected between outputsand GND line.
All inputs except OE input should be connected to VCC
line or GND line such that outputs will be in low logic
level while OE input is held low.
tPHZ,tPZH
The 1K
Ω load resistors and the 50pF load capacitors
should be connected between each output and GND
line.
All inputs except OE input should be connected to VCC
or GND line such that output will be in high logic level
while OE input is held low.
tPLH,tPHL,ts,th,tw
fMAX
M54/M74HC564/574
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com