Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC564 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC564
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC564 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC564 Datasheet HTML 1Page - STMicroelectronics M54HC564 Datasheet HTML 2Page - STMicroelectronics M54HC564 Datasheet HTML 3Page - STMicroelectronics M54HC564 Datasheet HTML 4Page - STMicroelectronics M54HC564 Datasheet HTML 5Page - STMicroelectronics M54HC564 Datasheet HTML 6Page - STMicroelectronics M54HC564 Datasheet HTML 7Page - STMicroelectronics M54HC564 Datasheet HTML 8Page - STMicroelectronics M54HC564 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M54/74HC564
M54/74HC574
March 1993
HC564 INVERTING - HC574 NON INVERTING
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTION (top view)
.
HIGH SPEED
fMAX = 62 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL = 28% VCC (MIN)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOL =
IOH= 6 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS564/574
DESCRIPTION
The M54/74HC564 and M54HC574 are high speed
CMOS OCTAL D-TYPE FLIP FLOP WITH 3-STATE
OUTPUTS fabricated with in silicon gate C
2MOS
technology. They have the same high speed per-
formance of LSTTL combined with true CMOS low
power comsuption. These8-bit D-type flip-flops are
controlled by a clock input (CK) and an ouput enable
input (OE). On the positive transition of the clock, the
Q outputs will be set to the logic state that were setup
at the D inputs (HC574) or their complements
(HC564).
While the OE input is low, the eight outputs will be
in a normal logic state (high or low logic level), and
while high level, the outputs will be in a high imped-
ance state. The output control does not affect the in-
ternal operation of flip-flops. That is, the old data can
be retained or the new data can be entered even
while the outputs are off. The application engineer
has a choice of combination of inverting and non-in-
verting outputs. The 3-state output configuration
and the wide choice of outline make bus-organized
systems simple. All inputs are equipped with protec-
tion circuits against static discharge and transient
excess voltage.
1/13


Similar Part No. - M54HC564

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC563 STMICROELECTRONICS-M54HC563 Datasheet
273Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
Oct-1993
M54HC563B1R STMICROELECTRONICS-M54HC563B1R Datasheet
273Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
Oct-1993
M54HC563C1R STMICROELECTRONICS-M54HC563C1R Datasheet
273Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
Oct-1993
M54HC563F1R STMICROELECTRONICS-M54HC563F1R Datasheet
273Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
Oct-1993
M54HC563M1R STMICROELECTRONICS-M54HC563M1R Datasheet
273Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
Oct-1993
More results

Similar Description - M54HC564

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC374 STMICROELECTRONICS-74AC374 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
90Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74VHC374 STMICROELECTRONICS-74VHC374 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHCT374A STMICROELECTRONICS-74VHCT374A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
74VHCT574A STMICROELECTRONICS-74VHCT574A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Aug-1999
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
STMicroelectronics
M74HC574 STMICROELECTRONICS-M74HC574 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M5474HC564 STMICROELECTRONICS-M5474HC564 Datasheet
272Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
Mar-1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com