Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF400 Datasheet(PDF) 4 Page - ABB

Part # TMF400
Description  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TMF400 Datasheet(HTML) 4 Page - ABB

  TMF400 Datasheet HTML 1Page - ABB TMF400 Datasheet HTML 2Page - ABB TMF400 Datasheet HTML 3Page - ABB TMF400 Datasheet HTML 4Page - ABB TMF400 Datasheet HTML 5Page - ABB TMF400 Datasheet HTML 6Page - ABB TMF400 Datasheet HTML 7Page - ABB TMF400 Datasheet HTML 8Page - ABB TMF400 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/4
3
Switching - Loadbreak Switches
IP65 Steel Enclosure
3 - 4 pole
20 ... 400A
•
IP65 rated (not suitable for external installation)
•
Powder coated textured finish (RAL 7035)
•
All 3 pole switches include detachable neutral link (OT160 solid link)
•
Hinged lid complete with 2 fastening screws (removable)
•
Padlockable pistol grip handle as standard
•
Removable gland plates fitted top and bottom (see below for knockout configurations)
•
Spreader Boxes available see page 3/10
Rating @ 415v
Cable Cross
Dimensions
Spreader Number
[lth A][AC22] [AC23]
Section mm2
H
W
D
Box
of Poles
Order Code
Price £
32
25
20
0.75 .. 10
160 160 120
SB1G
3+detach neutral
OT20TPN
73.68
4
OT20FP
80.43
40
40
23
0.75 .. 10
160 160 120
SB1G
3+detach neutral
OT32TPN
89.74
4
OT32FP
96.07
80
80
75
1.5 .. 35
300 240 120
SB1G
3+detach neutral
OT63TPN
146.12
4
OT63FP
154.70
115
100
80
10 .. 70
400 300 160
SB2G
3+detach neutral
OT100TPN
229.45
4
OT100FP
240.27
125
125
90
10 .. 70
400 300 160
SB2G
3+detach neutral
OT125TPN
246.03
4
OT125FP
253.32
160
160
135
min. 95
500 360 160
SB2G
3+solid neutral
OT160TPN
377.09
4
OT160FP
392.61
200
200
200
Bolt M8x25
500 360 160
SB2G
3+detach neutral
OT200TPN
412.63
4
OT200FP
436.91
315
315
315
Bolt M10x30
500 360 160
SB2G
3+detach neutral
OT315TPN
473.27
4
OT315FP
508.12
500
500
500
Bolt M10x30
500 360 160
SB2G
3+detach neutral
OT400TPN
674.36
4
OT400FP
716.09
Add 45mm to dimension “D” for handle (all versions)
Knockout Configuration:
(One supplied blank, one supplied as below)
20 - 32A
2 x 20mm
1 x 25mm (centre)
63 - 100 - 125A
1 x 25m
1 x 32mm
1 x 40mm (centre)
160 - 400A
Blank gland plates
OT100TPN
OT315TPN
“New enclosure
dimensions
to improve
termination
of cables”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com