Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF400 Datasheet(PDF) 8 Page - ABB

Part # TMF400
Description  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TMF400 Datasheet(HTML) 8 Page - ABB

Back Button TMF400 Datasheet HTML 4Page - ABB TMF400 Datasheet HTML 5Page - ABB TMF400 Datasheet HTML 6Page - ABB TMF400 Datasheet HTML 7Page - ABB TMF400 Datasheet HTML 8Page - ABB TMF400 Datasheet HTML 9Page - ABB TMF400 Datasheet HTML 10Page - ABB TMF400 Datasheet HTML 11Page - ABB TMF400 Datasheet HTML 12Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/8
Switching - BS Fuse Range
Description
Fixing Centres
MEM Part
GEC Part
Bussman
ABB
(mm)
Number
Number
Number
Part Number
Part Number
Price £
2A A1 fuselink
44.5
2SA2
NIT2
NITD2
ANIT2
1.27
4A A1 fuselink
44.5
4SA2
NIT4
NITD4
ANIT4
1.27
6A A1 fuselink
44.5
6SA2
NIT6
NITD6
ANIT6
1.27
10A A1 fuselink
44.5
10SA2
NIT10
NITD10
ANIT10
1.27
16A A1 fuselink
44.5
16SA2
NIT16
NITD16
ANIT16
1.27
20A A1 fuselink
44.5
20SA2
NIT20
NITD20
ANIT20
1.70
25A fuselink
44.5
25SA2
NIT25
NITD25
ANIT25
1.82
32A fuselink
44.5
32SA2
NIT32
NITD32
ANIT32
1.82
2A A2 fuselink
73
2SB3
TIA2
AA02
ATIA2
2.04
4A A2 fuselink
73
4SB3
TIA4
AA04
ATIA4
2.04
6A A2 fuselink
73
6SB3
TIA6
AA06
ATIA6
2.04
10A A2 fuselink
73
10SB3
TIA10
AA10
ATIA10
2.04
16A A2 fuselink
73
16SB3
TIA16
AA16
ATIA16
2.04
20A A2 fuselink
73
20SB3
TIA20
AA20
ATIA20
2.26
25A A2 fuselink
73
25SB3
TIA25
AA25
ATIA25
2.41
32A A2 fuselink
73
32SB3
TIA32
AA32
ATIA32
2.41
35A A3 fuselink
73
35SB4
TIS35
-
ATIS35
3.83
40A A3 fuselink
73
40SB4
TIS40
BA040
ATIS40
3.83
50A A3 fuselink
73
50SB4
TIS50
BA050
ATIS50
3.83
63A A3 fuselink
73
63SB4
TIS63
BA063
ATIS63
4.08
80A fuselink
73
80SO
OS80
OSD80
AOS80
4.31
100A fuselink
73
100SO
OS100
OSD100
AOS100
4.76
125A fuselink
73
125SO
OS125
-
AOS125
9.91
160A fuselink
73
160SO
OS160
-
AOS160
10.91
200A fuselink
73
200SO
OS200
-
AOS200
11.42
80A A4 fuselink
94
80SDS
TCP80
CD80
ATCP80
5.83
100A A4 fuselink
94
100SDS
TCP100
CD100
ATCP100
5.83
125A fuselink
94
125SD5
TFP125
DD125
ATFP125
10.00
160A fuselink
94
160SD6
TFP160
DD160
ATFP160
10.91
200A fuselink
94
200SD6
TFP200
DD200
ATFP200
11.41
80A B1 fuselink
111
80SF5
TC80
-
ATC80
5.83
100A B1 fuselink
111
100SF5
TC100
-
ATC100
5.83
125A B2 fuselink
111
125SF5
TF125
-
ATF125
9.94
160A B2 fuselink
111
160SF5
TF160
-
ATF160
10.91
200A B2 fuselink
111
200SF5
TF200
-
ATF200
11.42
250A B3 fuselink
111
250SF7
TKF250
ED250
ATKF250
14.41
315A B3 fuselink
111
315SF7
TKF315
ED315
ATKF315
16.06
355A B4 fuselink
111
355SF8
TMF355
ED355
ATMF355
20.15
400A B4 fuselink
111
400SF8
TMF400
ED400
ATMF400
21.39
450A fuselink
111
450SF9
TMF450
-
ATMF450
31.24
500A fuselink
111
500SF9
TMF500
-
ATMF500
33.47
560A fuselink
111
560SF9
TMF560
-
ATMF560
34.73
630A fuselink
111
630SF9
TMF630
-
ATMF630
36.67
250A fuselink
133
250SG7
TKM250
EFS250
ATKM250
14.41
315A fuselink
133
315SG7
TKM315
EFS315
ATKM315
16.06
ATC
ATCP
ATFP
ATIA
ATIS
AOS80-100
ANIT
ATF
ATKF
ATMF
ATKM
AOS125-200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com