Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSDMC Datasheet(PDF) 12 Page - ABB

Part # ATSDMC
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ATSDMC Datasheet(HTML) 12 Page - ABB

Back Button ATSDMC Datasheet HTML 8Page - ABB ATSDMC Datasheet HTML 9Page - ABB ATSDMC Datasheet HTML 10Page - ABB ATSDMC Datasheet HTML 11Page - ABB ATSDMC Datasheet HTML 12Page - ABB ATSDMC Datasheet HTML 13Page - ABB ATSDMC Datasheet HTML 14Page - ABB ATSDMC Datasheet HTML 15Page - ABB ATSDMC Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12 Enclosed Switching Products 0115 ABB Low Voltage
Enclosed automatic transfer switches
General information
Automatic transfer switches
Automatic transfer switches comply with the standards listed below.
• IEC 60947-1:
Low voltage switchgear and control gear Part 1: General rules
• IEC 60947-3:
Low voltage switchgear and control gear Part 3: Switches,
disconnectors, switch-disconnectors and fuse-combination
• IEC 60947-6-1-PC: Low voltage switchgear and control gear
Part 6: Multiple function equipment – Transfer switching equipment
Application
The automatic transfer switch is managing different power supplies
to one or more load circuits and guarantees the continuity of
performance. The automatic transfer switch ensures the switching
and isolation between the primary network supply and the alternate
network supply or a standby generator. Type of operation is open
transition, i.e. break-before-make.
The automatic transfer switches can be operated in three ways,
local manual operation with handle, local manual operation with
the automatic control unit or full automatic operation done by
the automatic control unit. Manual operation, using a handle is
the simplest type of operation. Local manual operation with the
control unit enables to operate the switch electrically. Full automatic
operation ensures that loads are transferred automatically to the
secondary source in case of mains failure. Both local operation with
the control unit and full automatic operation enables a short switch-off
time between the normal and the alternative supply.
Automatic transfer switches shall be used for switching I, 0 and II
positions following types of loads:
• Off load application (AC 20A)
• Resistive loads (AC 21 or AC31)
• Mixed resistive and inductive loads (AC 22)
• Motor loads
Design & safety
Automatic transfer switches are available as 3 or 4 pole versions.
All three positions I, 0 and II shall be stable and keep its positions in
case of supply failure or mechanical shocks.
The switch mechanism is located on the left hand side to the
switch’s power poles. The operating mechanism is of “quick make /
quick break” construction. The position indication markings on the
mechanism shall always show reliably the true position of the main
contacts. Automatic transfer switchs can be operated by direct
mounted handle and the handle shall be showing reliably the real
position of the main contacts of the transfer switch. The handle will
allow the switch to be padlocked in the off position.
The automatic transfer switch is constructed with a motor operator.
The motor operator is protected against overloads with a separate
overload fuse (160A to 1600A). The fuse is situated at the bottom
of the Motor. The 40A to 125A motor is protected by a resettable
overload button.
The accessories, i.e. terminal shrouds and auxiliary contacts shall be
mountable without any special tools (i.e. snap on mounting).
The terminals of the 160A to 1600A automatic transfer switch it
is possible to connect two parallel cables for easier installation
and space saving. All the terminals shall be finger protected with
or without separate terminal shrouds. All the metal parts shall be
protected against corrosion. The contact surfaces shall be silver-
plated to minimise contact resistance. The automatic transfer
switches meet the ROHS requirements and only recyclable material
is used. The current carrying plastic parts shall have high thermal,
mechanical and electrical properties and have V0 classification.
The voltage sensing wiring from the switch’s power poles to the
automatic control unit is done by the automatic transfer switch
manufacturer. Voltage sensing wires are double insulated.
Enclosed automatic transfer switches
with current ratings 40A … 1600A. The
enclosure complies with IP65 EN 60529
and finished in a RAL 7035 colour.
The ATS enclosures are designed to allow
adequate cabling space to allow installers
to terminate oversized cables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com