Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSDMC Datasheet(PDF) 13 Page - ABB

Part # ATSDMC
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ATSDMC Datasheet(HTML) 13 Page - ABB

Back Button ATSDMC Datasheet HTML 9Page - ABB ATSDMC Datasheet HTML 10Page - ABB ATSDMC Datasheet HTML 11Page - ABB ATSDMC Datasheet HTML 12Page - ABB ATSDMC Datasheet HTML 13Page - ABB ATSDMC Datasheet HTML 14Page - ABB ATSDMC Datasheet HTML 15Page - ABB ATSDMC Datasheet HTML 16Page - ABB ATSDMC Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Enclosed automatic transfer switches
General & technical specification
Specific ratings according to IEC 60947-3 40A to 125A
Rated free air thermal current (Ith) and operational current in AC20 at 40°C ambient temperature
A
40
63
80
115
125
Rated enclosed thermal current (Ith) and operational current in AC20 at 40°C ambient temperature
A
40
63
80
115
125
Rated operational current AC 21A and AC 22A at voltages up to 500V
A
40
63
80
100
125
Rated operational current AC23A at voltages up to 415V
A
40
63
80
80
90
Rated AC 23 breaking capacity at 415V
A
320
504
640
640
720
Rated conditional short circuit current Ip (r.m.s.) at 415V, 50kA net
kA
16.5
16.5
16.5
16.5
16.5
and corresponding max. allowed cut-off current of gG
A
125
125
125
125
125
Rated short time withstand current Icw 690v (1sec), (r.m.s. value)
kA
2.5
2.5
2.5
2.5
2.5
Rated short time making capacity Icm, peak value 690v
kA
3.6
3.6
3.6
3.6
3.6
Mechanical endurance / switch
Oper
20000
20000
20000
20000
20000
Rated short-time withstand current Icw (r.m.s.) 690V, 0,1 sec
kA
5
5
5
5
5
Rated operational current, AC-31B, up to 415V
A
40
63
80
100
125
Rated operational current, AC-33B, up to 415V
A
40
63
80
80
80
The handle is a direct mounted type, and it shall be
padlockable in the “0” position with three padlocks with
5 …6 mm. It is possible to operate switch with the
manual handle in case of emergency, regardless of the
position of switch and without any supply power.
Technical specifications according to
IEC 60947-3 and IEC 60947-6-1
• Type of equipment
ATSE
• Class of equipment
PC
• Rated operational voltage,
Ue Max. 415 V
• Rated impulse withstand voltage, Uimp 6 kV
• Rated frequency
50 - 60 Hz
• EMC environment
A and B
Bypass Requirement
In order to comply with BS8519 which states “Where the availability
of the life safety and fire-fighting equipment is conditional to the
occupation of the building, a bypass arrangement should be
incorporated to enable the changeover device to be maintained
without loss of service from the critical plant”.
The bypass switches consist of the following;
Single or mains bypass
A closed transition manual changeover switch is included to allow for the
seamless (no 0 position giving no break in supply when moving to bypass)
transition to bypass. The front of the panel should indicate that the ATS has
been bypassed and is safe to carry out maintenance.
Dual Bypass
A closed transition manual changeover switch is included to allow for the
seamless (no 0 position giving no break in supply when moving to bypass)
transition to bypass. Together with a standard manual changeover switch to
allow you to choose between supply 1 or supply 2. The front of the panel should
indicate that the ATS has been bypassed and which supply is feeding the load
and is safe to carry out maintenance.
Specific ratings according to IEC 60947-3 160A to 1600A
Rated free air thermal current (Ith) and operational current in AC20 at 40°C ambient temperature
A
160
200
250
315
400
630
800
1000
1250
1600
Rated enclosed thermal current (Ith) and operational current in AC20 at 40°C ambient temperature
A
160
200
250
315
400
630
800
1000
120
1600
Rated operational current AC 21A and AC 22A at voltages up to 415V
A
160
200
250
315
400
630
800
1000
1250
1600
Rated operational current AC23A at voltages up to 415V
A
160
200
250
315
400
630
800
1000
1250
1250
Rated AC 23 breaking capacity at 415V
A
1280
1600
2000
2520
3200
5040
6400
10000
10000
10000
Rated conditional short circuit current Ip (r.m.s.) at 415V, 50kA net
kA
40.5
40.5
40.5
59
59
83.5
83.5
100
100
100
and corresponding max. allowed cut-off current of gG
A
355
355
355
500
500
800
800
1250
1250
1250
Rated short time withstand current Icw 690v (1sec), (r.m.s. value)
kA
8
8
8
15
15
20
20
50
50
50
Rated short time making capacity Icm, peak value 690v
kA
30
30
30
65
65
80
80
92
92
92
Mechanical endurance / switch
Oper
16000
16000
16000
16000
16000
10000
10000
6000
6000
6000
Rated short-time withstand current Icw (r.m.s.) 690V, 0,1 sec
kA
15
15
15
25
25
38
38
50
50
50
Rated operational current, AC-31B, up to 415V
A
160
200
250
315
400
650
720
1000
1250
1600
Rated operational current, AC-33B, up to 415V
A
160
200
250
315
400
650
650
1000
1000
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com