Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67-31F-RSC-AX2Y2B9Z5-CT Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 67-31F-RSC-AX2Y2B9Z5-CT
Description  Technical Data Sheet Power Top View LED With Lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-31F-RSC-AX2Y2B9Z5-CT Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
67-31F/RSC-AX2Y2B9Z5/CT
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 6 of 10
Device No. : DSE-67F-011
prepared date: 25-Apr-2007
Prepared by: Josh Chou
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm,Unit = mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com