Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67-31F-RSC-AX2Y2B9Z5-CT Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 67-31F-RSC-AX2Y2B9Z5-CT
Description  Technical Data Sheet Power Top View LED With Lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-31F-RSC-AX2Y2B9Z5-CT Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-31F-RSC-AX2Y2B9Z5-CT Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
Power Top View LED With Lens
67-31F/RSC-AX2Y2B9Z5/CT
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 10
Device No. : DSE-67F-011
prepared date: 25-Apr-2007
Prepared by: Josh Chou
Features
․
P-LCC-3 package.
․
High flux output.
․
High current capability.
․
White package.
․
Optical indicator.
․
Colorless clear window.
․
Ideal for backlight and light pipe application.
․
Inter reflector.
․
Wide viewing angle.
․
Suitable for automatic placement equipment.
․
Suitable for reflow and wave solder processes.
․
Available on tape and reel (12mm Tape).
․
Pb-free.
․
The product itself will remain within RoHS compliant version.
Descriptions
The 67-31F series is available in soft orange, red and yellow. Due to the package design, the
LED has wide viewing angle and optimized light coupling by inter reflector. This feature
makes the ideal for light pipe application. The low current requirement makes this device
ideal for portable equipment or any other application where power is at a premium.
Applications
․
Indicator and backlight for audio and video equipment.
․
Indicator and backlight in office and family equipment.
․
Flat backlight for LCD’s, switches and symbols.
․
Light pipe application.
․
General use.
Device Selection Guide
Chip
Material
Emitted Color
Resin Color
AlGaInP
Brilliant Red
Water Clear


Similar Part No. - 67-31F-RSC-AX2Y2B9Z5-CT

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-31F-YSC-CX2Y1B9Z5-BT EVERLIGHT-67-31F-YSC-CX2Y1B9Z5-BT Datasheet
182Kb / 10P
Technical Data Sheet Power Top View LED With Lens.
More results

Similar Description - 67-31F-RSC-AX2Y2B9Z5-CT

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
Technical Data Sheet (Preliminary) Power Top View LED
67-31B-GHC-YX2Y2MZ3-2T EVERLIGHT-67-31B-GHC-YX2Y2MZ3-2T Datasheet
131Kb / 10P
Technical Data Sheet Power Top View LED
67-21UBC-B040-TR8-AM EVERLIGHT-67-21UBC-B040-TR8-AM Datasheet
211Kb / 10P
Technical Data Sheet -Top View LED
67-31F-YSC-CX2Y1B9Z5-BT EVERLIGHT-67-31F-YSC-CX2Y1B9Z5-BT Datasheet
182Kb / 10P
Technical Data Sheet Power Top View LED With Lens.
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
Technical Data Sheet TOP View LEDs(Preliminary)
R6C-AU2W1B EVERLIGHT-R6C-AU2W1B Datasheet
161Kb / 10P
Technical Data Sheet Top View LEDs
Y2C-AP2R2L EVERLIGHT-Y2C-AP2R2L Datasheet
242Kb / 10P
Technical Data Sheet Top View LEDs
GBC-YV2W2N EVERLIGHT-GBC-YV2W2N Datasheet
269Kb / 10P
Technical Data Sheet Top View LEDs
67-31H EVERLIGHT-67-31H Datasheet
250Kb / 11P
Technical Data Sheet Power Top View LEDs With Lens
67-21R6C-AP2R1B2A0 EVERLIGHT-67-21R6C-AP2R1B2A0 Datasheet
204Kb / 10P
Technical Data Sheet Reverse Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com