Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC593 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC593
Description  8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC593 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC593 Datasheet HTML 3Page - STMicroelectronics M74HC593 Datasheet HTML 4Page - STMicroelectronics M74HC593 Datasheet HTML 5Page - STMicroelectronics M74HC593 Datasheet HTML 6Page - STMicroelectronics M74HC593 Datasheet HTML 7Page - STMicroelectronics M74HC593 Datasheet HTML 8Page - STMicroelectronics M74HC593 Datasheet HTML 9Page - STMicroelectronics M74HC593 Datasheet HTML 10Page - STMicroelectronics M74HC593 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLZ
tPHZ
3 State Output
Disable Time
2.0
50
RL =1 K
Ω
80
140
175
210
ns
4.5
22
28
35
42
6.0
17
24
30
36
fMAX
Maximum Clock
Frequency
2.0
50
5.4
4
4.4
3.6
MHz
4.5
27
17
22
18
6.0
32
20
26
21
tW(H)
tW(L)
Minimum Pulse
Width
(CCK, RCK)
2.0
50
44
100
125
150
ns
4.5
11
20
25
30
6.0
9
172126
tW(L)
Minimum Pulse
Width
(CCLR, CLOAD)
2.0
50
40
100
125
150
ns
4.5
10
20
25
30
6.0
9
172126
ts
Minimum Set-up
Time (CCKEN,
CCKEN, CCK)
2.0
50
56
125
160
195
ns
4.5
14
25
32
39
6.0
12
21
27
33
ts
Minimum Set-up
Time
(RCKEN - RCK)
2.0
50
32
75
95
110
ns
4.5
8
151922
6.0
7
131619
ts(H)
Minimum Set-up
Time
(RCK - CLOAD)
2.0
50
56
125
160
195
ns
4.5
14
25
32
39
6.0
12
21
27
33
ts
Minimum Set-up
Time
(A to H - RCK)
2.0
50
16
50
60
70
ns
4.5
4
101214
6.0
3
9
11
12
th
Minimum Hold
Time
2.0
50
0
000
ns
4.5
0
0
0
0
6.0
0
0
0
0
tREM
Minimum Clear
Remuval Time
(CCLR, CLOAD)
2.0
50
55
ns
4.5
5
5
5
6.0
5
5
5
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
19
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
AC ELECTRICAL CHARACTERISTICS (continued)
M54/M74HC593
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com