Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC593 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC593
Description  8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC593 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC593 Datasheet HTML 1Page - STMicroelectronics M74HC593 Datasheet HTML 2Page - STMicroelectronics M74HC593 Datasheet HTML 3Page - STMicroelectronics M74HC593 Datasheet HTML 4Page - STMicroelectronics M74HC593 Datasheet HTML 5Page - STMicroelectronics M74HC593 Datasheet HTML 6Page - STMicroelectronics M74HC593 Datasheet HTML 7Page - STMicroelectronics M74HC593 Datasheet HTML 8Page - STMicroelectronics M74HC593 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HC593
M74HC593
October 1993
8 BIT BINARY COUNTER WITH INPUT REGISTER (3-STATE)
B1R
(Plastic Package)
ORDER CODES :
M54HC593F1R
M74HC593M1R
M74HC593B1R
M74HC593C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
fMAX = 80 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS FOR RCO
15 LSTTL LOADS FOR Qn
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
SYMMETRICAL OUTPUT IMPEDANCE
IOL =
IOH = 6 mA (MIN.) for Qn
IOL =
IOH = 4 mA (MIN.) for RCO
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS593
DESCRIPTION
The M54/74HC593 is a high speed CMOS 8 BIT
REGISTER COUNTER (3 STATE) fabricated with
silicon gate C
2MOS technology. It has the same
high speed performance of LSTTL combined with
true CMOS low power consumption.
The M54/74HC593 consists of a parallel input, 8 bit
storage register feeding an 8 bit binary counter. Both
the register and the counter have individual positive
edge-triggered clock. In addition, the counter has di-
rect load and clear functions. Expansion is easily ac-
complished by connecting RCO of first stage to the
count enable CCKEN, of the second stage etc.
The M54/74HC593 comes in a 20 pin package and
has 3 state I/O, which provides parallel counter out-
puts.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/12


Similar Part No. - M74HC593

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC590 STMICROELECTRONICS-M74HC590 Datasheet
1,019Kb / 15P
8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
Aug-2001
M74HC590B1R STMICROELECTRONICS-M74HC590B1R Datasheet
1,019Kb / 15P
8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
Aug-2001
M74HC590M1R STMICROELECTRONICS-M74HC590M1R Datasheet
1,019Kb / 15P
8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
Aug-2001
M74HC590RM13TR STMICROELECTRONICS-M74HC590RM13TR Datasheet
1,019Kb / 15P
8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
Aug-2001
M74HC590TTR STMICROELECTRONICS-M74HC590TTR Datasheet
1,019Kb / 15P
8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
Aug-2001
More results

Similar Description - M74HC593

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
TC74HC592AP TOSHIBA-TC74HC592AP Datasheet
338Kb / 7P
8-BIT BINARY COUNTER WITH INPUT REGISTER
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
8-bit Binary Counter/Register (with 3-state outputs)
HD74HC592 HITACHI-HD74HC592 Datasheet
62Kb / 9P
8-bit Register/Binary Counter
logo
STMicroelectronics
M74HC590 STMICROELECTRONICS-M74HC590 Datasheet
1,019Kb / 15P
8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
Aug-2001
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
8-bit Binary Counter/Register (with 3-state outputs)
HD74HC592 RENESAS-HD74HC592 Datasheet
107Kb / 9P
8-bit Register/Binary Counter
logo
NXP Semiconductors
74HC590 NXP-74HC590 Datasheet
543Kb / 21P
8-bit binary counter with output register; 3-state
Rev. 02-28 April 2009
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
8-bit Binary Counter/Register (with 3-state outputs)
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com