Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC595 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC595
Description  8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC595 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC595 Datasheet HTML 1Page - STMicroelectronics M74HC595 Datasheet HTML 2Page - STMicroelectronics M74HC595 Datasheet HTML 3Page - STMicroelectronics M74HC595 Datasheet HTML 4Page - STMicroelectronics M74HC595 Datasheet HTML 5Page - STMicroelectronics M74HC595 Datasheet HTML 6Page - STMicroelectronics M74HC595 Datasheet HTML 7Page - STMicroelectronics M74HC595 Datasheet HTML 8Page - STMicroelectronics M74HC595 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M54HC595
M74HC595
April 1993
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
B1R
(Plastic Package)
ORDER CODES :
M54HC595F1R
M74HC595M1R
M74HC595B1R
M74HC595C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
fMAX = 55 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS FOR QA TO QH
10 LSTTL LOADS FOR QH’
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN.) FOR QA TO QH
|IOH|= IOL = 4 mA (MIN.) FOR QH’
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH LSTTL 54/74LS595
DESCRIPTION
The M54/74HC595 is a high speed CMOS 8-BIT
SHIFT
REGISTERS/OUTPUT
LATCHES
(3-
STATE) fabricated in silicon C
2MOS technology. It
has the same high speed performance of LSTTL
combined with true CMOS low power consumption.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit D-type storage reg-
ister. The storage register has 8 3-STATE outputs.
Separate clocks are provided for both the shift reg-
ister and the storage register.
The shift register has a direct-overriding clear, serial
input, and serial output (standard) pins for cascad-
ing. Both the shift register and storage register use
positive-edge triggered clocks. If both clocks are
connected together, the shift register state will al-
ways be one clock pulse ahead of the storage reg-
ister.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/13


Similar Part No. - M74HC595

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
M74HC595B1R STMICROELECTRONICS-M74HC595B1R Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
M74HC595M1R STMICROELECTRONICS-M74HC595M1R Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
M74HC595RM13TR STMICROELECTRONICS-M74HC595RM13TR Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
M74HC595RM13TR STMICROELECTRONICS-M74HC595RM13TR Datasheet
579Kb / 22P
8-bit shift register with output latches (3-state)
10-Jan-2014
More results

Similar Description - M74HC595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F595 PHILIPS-74F595 Datasheet
99Kb / 13P
8-bit shift register with output laches 3-State
1990 Apr 18
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595 Datasheet
83Kb / 9P
8-Bit Shift Register with Output Latches
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595_07 Datasheet
407Kb / 12P
8-Bit Shift Register with Output Latches
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595_04 Datasheet
738Kb / 15P
RAD-HARD 8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
01-Jun-2004
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
logo
Unisonic Technologies
U74AHC595 UTC-U74AHC595 Datasheet
268Kb / 7P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
ON Semiconductor
74VHC595 ONSEMI-74VHC595 Datasheet
408Kb / 14P
8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
MM74HC595 ONSEMI-MM74HC595 Datasheet
662Kb / 16P
8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
logo
STMicroelectronics
M74HC595 STMICROELECTRONICS-M74HC595_V01 Datasheet
579Kb / 22P
8-bit shift register with output latches (3-state)
10-Jan-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com