Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02/4 Datasheet(PDF) 1 Page - United Automation Ltd. All rights reserved

Part # AP02/4
Description  EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

AP02/4 Datasheet(HTML) 1 Page - United Automation Ltd. All rights reserved

  AP02/4 Datasheet HTML 1Page - United Automation Ltd. All rights reserved AP02/4 Datasheet HTML 2Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YOU MUST READ THIS BEFORE INSTALLATION
ELECTRICAL SAFETY
INSTALLATION REQUIREMENTS
USER RESTRICTIONS
USAGE ENVIRONMENT
HOT SURFACE WARNING
WARNING: RISK OF ELECTRIC SHOCK
Always consult the Installation & Maintenance Instructions
before connecting this product to the power supply.
WARNING: Disconnect Power Before Servicing
Ensure the electrical supply is safely disconnected before
connecting to any supply, load, or control terminals.
WARNING: Installation by Qualified
Personnel Only
This product must only be installed or fitted by
a competent, qualified installer familiar with
the relevant electrical standards and
installation practices.
WARNING: Not for Use by Vulnerable Individuals
This product is not intended for use by persons
(including children) with reduced physical, sensory or
mental capabilities, or lack of experience and
knowledge, unless they are supervised or instructed
by a person responsible for their safety.
WARNING: Industrial Use Only
This is an industrial-grade product
and is not intended for household
use.
WARNING: Hot Surfaces
On certain models, surfaces marked
with this symbol become hot during
use. Avoid direct contact and follow all
thermal safety precautions.
More Info: https://united-automation.com/general-product-safety-regulation-gpsr/
9 December 2025 | Issue: 5 Page
1 of 2
Variable AC Voltage Regulators
EVR Series
X10767
EVR-1kW | EVR-4kW | EVR-6kW
Phase-Angle Power Controller
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
CONTACT US:
KEY FEATURES:
The
EVR Series Phase-Angle Power Controllers from United Automation are
engineered for smooth proportional control of electrical power in single-phase 230V
applications. Available in 1kW, 4kW, and 6kW ratings, these compact “Mini Stack” units
integrate high-speed semiconductor fuses, convection-cooled heatsinks, and a range of
control signal options.
Each unit operates in phase-angle mode, ensuring precise control over voltage and
current delivery to the connected load. Built with reliability and ease of installation in
mind, the EVR Series is ideal for demanding industrial environments that require
accurate, efficient temperature or process control.
Wide range of control signal
options (manual, voltage, or
current input).
Convection air-cooled
heatsink.
Soft-start function (adjustable
0–20 seconds) to protect loads
and extend component life.
Integrated SCR-type (Triac
protection) high-speed fuse.
Compact, enclosed design for
easy mounting and wiring.
Available in metal enclosure,
DIN-rail, or back-plate
configurations.
Rugged construction for
industrial use with full isolation
and overvoltage protection.
TECHNICAL SPECIFICATIONS
EVR-1kW
EVR-4kW
EVR-6kW
Current Rating
4A
17A
25A
Mains Voltage
230V AC +10% -6%
Control Signal Span (Min.)
0–5V DC
Control Signal Span (Max.)
0–25V DC
Control Signal Zero Offset
0-30% of Span
Signal Input Resistance
5kΩ ±20%
Manual Potentiometer
2kΩ, 5kΩ or 10kΩ
Soft Start Time Constant
0–20 seconds adjustable
Isolation Voltage
2500V RMS
Control Opton-Auxiliary Output
5V DC
Triac limiting RMS current
26A
26A
41A
Peak Single Cycle Surge Current
250A
Max Peak Voltage
600V
Max. Working Temperature
up to 65°C Operational
Replacement Fuse
16 A, 660 V
AC, 10×38
mm, GRB
high-speed
semiconductor
fuse (gR
curve)
20 A, 660–690 V
AC, 10×38 mm,
GRB/Protistor
high-speed
semiconductor
fuse (gR curve)
30 A, 660 V AC,
10×38 mm, GRB
high-speed
SCR-type fuse
(gR curve)
Storage Temperature
0°C to +85°C
Mounting Options
Panel mount -
open style
PCB
Panel-mounted,
fully enclosed
with cable
glands
Metal enclosure,
DIN-RAIL
mounting c/w
Perspex cover,
Back-plate
mounting c/w
Perspex cover.
SKU
Dimensions
(D)x(W)x(H)
Fixing Centres
A407324-AVR
130 x 95 x 78 mm
4x4.7mmØ; FC: 75mm (W) x 119 mm (L)
A407315
150 x 90 x 90 mm
4x5mmØ; 135mm (D) x108mm (W)
A407316-(ENC)
140 x 99 x 87 mm
4x4.5mmØ; 75mm (W) x 120 mm (L)
A407316-(DIN)
112 x 96 x 87 mm
Inc. T535 DIN Rail & Perspex cover
A407316-(AVR)
130 x 95 x 78 mm
4x4.7mmØ; FC: 75mm (W) x 119 mm (L)
APPLICATIONS:
The EVR Series controllers are
designed for precision power
control in a wide range of heating
and industrial processes, including:
Industrial and process heaters
Ovens, dryers, and furnaces
Air curtains and hot plates
Ventilation and HVAC systems
Electroplating and chemical
process control
Controlled rectifiers and
transformer regulation


Similar Part No. - AP02/4

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
AP02/4 UNITEDAUTOMATION-AP02/4 Datasheet
441Kb / 2P
110V, 230V, 400V High Power Three Phase Thyristor Driver
1 July 2025
More results

Similar Description - AP02/4

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7305 NJRC-NJU7305 Datasheet
251Kb / 8P
7-BAND EVR FOR GRAPHIC EQUALIZER
NJU7306 NJRC-NJU7306 Datasheet
262Kb / 9P
11-BAND EVR FOR GRAPHIC EQUALIZER?
NJU7307 NJRC-NJU7307 Datasheet
260Kb / 9P
11-BAND EVR FOR GRAPHIC EQUALIZER???
logo
Rohm
BA3530FS ROHM-BA3530FS Datasheet
77Kb / 6P
Headphone amplifier with internal LPF and EVR for CD-ROM
BH3540AFS ROHM-BH3540AFS Datasheet
77Kb / 5P
Headphone amplifier with internal LPF and EVR for CD-ROM
logo
New Japan Radio
NJM2172 NJRC-NJM2172 Datasheet
206Kb / 16P
OPERATIONAL AMPLIFIER WITH EVR
logo
celduc-relais
SO445120 CELDUC-SO445120 Datasheet
962Kb / 5P
Phase angle controller
logo
New Japan Radio
NJU7392 NJRC-NJU7392 Datasheet
104Kb / 3P
2ch Pushbutton Interface EVR with eala Stereo Expander
NJU7394 NJRC-NJU7394 Datasheet
213Kb / 16P
Pushbutton Interface EVR
NJU8790 NJRC-NJU8790 Datasheet
361Kb / 15P
Pushbutton Interface EVR with Class D Stereo Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com