Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02/4 Datasheet(PDF) 2 Page - United Automation Ltd. All rights reserved

Part # AP02/4
Description  EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

AP02/4 Datasheet(HTML) 2 Page - United Automation Ltd. All rights reserved

  AP02/4 Datasheet HTML 1Page - United Automation Ltd. All rights reserved AP02/4 Datasheet HTML 2Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X10851 Variable AC Voltage Regulators
EVR Series
1kW, 4kW, 6kW, 230V
Phase-Angle Power Controller
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
9 December 2025 | Issue: 5
Page
2 of 2
INSTALLATION, DIMENSIONS & CONNECTIONS
FOR OPTIMUM PERFORMANCE AND HEAT DISSIPATION, THE UNIT SHOULD BE
MOUNTED VERTICALLY.
(EARTH BONDING DO NOT REMOVE)
WARNING: SWITCH OFF MAINS SUPPLY
BEFORE COMMENCING ANY SERVICING WORK
COOLING REQUIRIMENTS
Heatsink rating for standard stack assembly is calculated when naturally cooled. If mounted in an enclosure or Cabinet, adequate ventilation and/or
forced cooling should be fitted. When thermal trips are fitted we recommend that they are wired in line with the signal to switch off the thyristors in
an over-temperature situation.
Unusual heating loads such as Molybdenum, Platinum or Tungsten, typically have a 10 to 1 hot to cold resistance ratio and therefore, when cold,
draw larger currents than normal. Transformers and other inductive loads have surge starting currents and require the correct type of phase angle
firing circuit. These and similar types of surge loads should be indicated, so that appropriate slow start or larger rated units can be correctly supplied
for the specific needs.
Note: The unit is factory set for manual control or 0-5Vdc. For 0-20mA, a 270R resistor will be required to be fitted across the ‘+ve’ & ‘0v’ terminals
and the zero & span adjusters will need recalibrating.
RECOMMENDATIONS
FUSING
The unit requires an SCR-Type (or FF-Type), fast-acting fuse. On initial ‘switch’ on, some loads may need an increased Factor of Safety (F of S) for
Unit and/or Device protection. See the SRA Data sheet for further information.
CE Marking
This product family carries a “CE marking”. The EVR Series (1kW, 4kW and 6kW) phase angle controller requires a suitable remote filter. For
information, see the recommendation section and contact our sales desk. (See product Declaration of Conformity).
DOCUMENTS
Other documents available on request, which may be appropriate for your application:
Code
Identity
Description
X10229
RFI
Filter recommendations: Addressing the EMC Directive
X10837
Datasheet XEN2010 Single-Stage EMI Filter – 6A, 10A, 13A, 16A, 20A, 30A
X10213
ITA
Interaction: Uses for phase angle and for burst fire control
X10255
SRA
Safety Requirements: Addressing the Low Voltage Directive (LVD) including, Thermal Data/Cooling, Live Parts
Warning, Earthing Requirements and Fusing Recommendations
X10378
ILR
Inductive loads remedy sheet for use with phase angle controllers
AP02/4
COS
UAL Conditions of Sale
Note: It is recommended that installation and maintenance of this equipment should be done with reference to the current edition of the I.E.E. wiring regulations
(BS7671) by suitably qualified/trained personnel. The regulations contain important requirements regarding the safety of electrical equipment. For International
Standards, refer to I.E.C/ directive IEC 950.
OPTIONAL EXTRAS
Product Code
Product Description
A-EN2010-6-F
Single-phase Chassis Mount EMI/RFI filter 10 series, 6A, Fast On
(EVR-1kW)
A-EN2010-20-F
Single-phase Chassis Mount EMI/RFI filter 10 series, 20A, Fast On
(EVR-4 kW)
A-EN2010-30-S
Single-phase Chassis Mount EMI/RFI filter 10 series, 30A, Screw
(EVR-6 kW)
F11308
16 A, 660 V AC, 10×38 mm, GRB high-speed semiconductor fuse (gR curve)
(EVR-1kW)
F11309
20 A, 660–690 V AC, 10×38 mm, GRB/Protistor high-speed semiconductor fuse (gR curve)
(EVR-4 kW)
F11307
30 A, 660 V AC, 10×38 mm, GRB high-speed SCR-type fuse (gR curve)
(EVR-6 kW)
*Note: When ordering a filter, the current at which the EVR is to be used at will be required.
PRODUCT CODE AND RELATED PRODUCT CODE
Product Code
Product Description
A407324-AVR
EVR-1kW-230V
A407315
EVR-4kW (Metal Enclosure)
A407316-(ENCLOSED)
EVR-6KW Single Phase-Angle Controller ‘boxed’
A407316-(DIN)
EVR-6KW DIN rail Mounting foot
A407316-(AVR)
EVR-6KW Mounting plate



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com