Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC670 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC670
Description  4 WORD X 4 BIT REGISTER FILE 3 STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC670 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC670 Datasheet HTML 1Page - STMicroelectronics M54HC670 Datasheet HTML 2Page - STMicroelectronics M54HC670 Datasheet HTML 3Page - STMicroelectronics M54HC670 Datasheet HTML 4Page - STMicroelectronics M54HC670 Datasheet HTML 5Page - STMicroelectronics M54HC670 Datasheet HTML 6Page - STMicroelectronics M54HC670 Datasheet HTML 7Page - STMicroelectronics M54HC670 Datasheet HTML 8Page - STMicroelectronics M54HC670 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HC670
M74HC670
October 1992
4 WORD X 4 BIT REGISTER FILE (3 STATE)
B1R
(Plastic Package)
ORDER CODES :
M54HC670F1R
M74HC670M1R
M74HC670B1R
M74HC670C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 23 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS670
The M54/74HC670 is a high speed CMOS 4 WORD
X 4 BIT REGISTER FILE (3-STATE) fabricated in
silicon gate C
2MOS technology. It has the same
high speed performance of LSTTL combined with
true
CMOS
low
power
consumption.
The
M54HC/74HC670 is a 4 x 4 Register File organized
as four words by four bits. Separate read and write
inputs, both address and enable, allow simulta-
neous read and write operation. The 3-state outputs
make it possible to connect up to 128 outputs to in-
crease the word capacity up to 512 words. Any num-
ber of these devices can be operated in parallel to
generate an n-bit length. All inputs are equipped with
protection circuits against static discharge and tran-
sient excess voltage.
1/12


Similar Part No. - M54HC670

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC620 STMICROELECTRONICS-M54HC620 Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M54HC620B1R STMICROELECTRONICS-M54HC620B1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M54HC620C1R STMICROELECTRONICS-M54HC620C1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M54HC620F1R STMICROELECTRONICS-M54HC620F1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
M54HC620M1R STMICROELECTRONICS-M54HC620M1R Datasheet
258Kb / 11P
OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
Oct-1992
More results

Similar Description - M54HC670

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
4 x 4 register file; 3-state
December 1990
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
4-Bit x 64-word FIFO register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
4 WORDx4 BIT REGISTER FILE(3-STATE)
logo
Fairchild Semiconductor
DM74LS670 FAIRCHILD-DM74LS670 Datasheet
65Kb / 6P
3-STATE 4-by-4 Register File
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
4 x 4 Register File with 3-State Output
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
4 WORD x 4 BIT REGISTER FILE (3 STATE)
Aug-2001
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
4 x 4 register file 3-state
December 1990
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com