Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFGS3530R Datasheet(PDF) 4 Page - Whirlpool.

Part # WFGS3530R
Description  WHIRLPOOL® GAS FREE STANDING RANGES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WFGS3530R Datasheet(HTML) 4 Page - Whirlpool.

  WFGS3530R Datasheet HTML 1Page - Whirlpool. WFGS3530R Datasheet HTML 2Page - Whirlpool. WFGS3530R Datasheet HTML 3Page - Whirlpool. WFGS3530R Datasheet HTML 4Page - Whirlpool. WFGS3530R Datasheet HTML 5Page - Whirlpool. WFGS3530R Datasheet HTML 6Page - Whirlpool. WFGS3530R Datasheet HTML 7Page - Whirlpool. WFGS3530R Datasheet HTML 8Page - Whirlpool. WFGS3530R Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DIMENSION GUIDE
4 of 15
Electrical Requirements
IMPORTANT: The range must be electrically grounded in
accordance with local codes and ordinances, or in the absence
of local codes, with the National Electrical Code, ANSI/NFPA 70
or Canadian Electrical Code, CSA C22.1.
This range is equipped with an electronic ignition system that will
not operate if plugged into an outlet that is not properly polarized.
If codes permit and a separate ground wire is used, it is
recommended that a qualified electrical installer determine that
the ground path is adequate.
A copy of the above code standards can be obtained from:
National Fire Protection Association
1 Batterymarch Park
Quincy, MA 02169-7471
CSA International
8501 East Pleasant Valley Road
Cleveland, OH 44131-5575
■
A 120 V, 60 Hz, AC only, 15 A fused, ground and polarized
electrical circuit is required. A time-delay fuse or circuit
breaker is also recommended. It is recommended that a
separate circuit serving only this range be provided.
■
Electronic ignition systems operate within wide voltage limits,
but proper grounding and polarity are necessary. Check that
the outlet provides 120 V power and is correctly grounded.
■
This gas range is not required to be plugged into a GFCI
(Ground-Fault Circuit Interrupter) outlet. It is recommended
that you do not plug an electric spark ignition gas range or
any other major appliance into a GFCI wall outlet as it may
cause the GFCI to trip during normal cycling.
■
Performance of this range will not be affected if operated on a
GFCI-protected circuit. However, occasional nuisance tripping
of the GFCI breaker is possible due to the normal operating
nature of electronic gas ranges.
NOTE: The metal chassis of the range must be grounded in order
for the control panel to work. If the metal chassis of the range is
not grounded, no keypads will operate. Check with a qualified
electrician if you are in doubt as to whether the metal chassis of
the range is grounded.
Gas Supply Requirements
Observe all governing codes and ordinances.
IMPORTANT: This installation must conform with all local codes
and ordinances. In the absence of local codes, installation must
conform with the National Fuel Gas Code ANSI Z223.1/NFPA 54
or, in Canada, the Natural Gas and Propane Installation Code,
CSA B149.1 - latest edition.
IMPORTANT: Leak testing of the range must be conducted
according to the manufacturer’s instructions. Refer to the
“Complete Connection” in the “Make gas connection” section in
the Owner’s Manual for the leak testing instructions.
Type of Gas
Natural Gas:
■
This range is factory set for use with Natural gas. See
“Gas Conversions” section in the Owner’s Manual. The
model/serial/rating plate located on the oven frame behind of
the oven door has information on the types of gas that can be
used. If the types of gas listed do not include the type of gas
available, check with the local gas supplier.
Propane Gas Conversion:
Conversion must be done by a qualified service technician.
No attempt shall be made to convert the appliance from the gas
specified on the model/serial/rating plate for use with a different
gas without consulting the serving gas supplier. See
“Gas Conversions” section in the Owner’s Manual.
Electrical Shock Hazard
Plug into a grounded 3 prong outlet.
Do not remove ground prong.
Do not use an adapter.
Do not use an extension cord.
Failure to follow these instructions can result in death,
fire, or electrical shock.
WARNING
WARNING
Explosion Hazard
Use a new CSA International approved gas supply line.
Install a shut-off valve.
Securely tighten all gas connections.
If connected to propane, have a qualified person make
sure gas pressure does not exceed 14" (36 cm) water
column.
Examples of a qualified person include:
licensed heating personnel,
authorized gas company personnel, and
authorized service personnel.
Failure to do so can result in death, explosion, or fire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com