Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC688 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC688
Description  8 BIT EQUALITY COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC688 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC688 Datasheet HTML 1Page - STMicroelectronics M54HC688 Datasheet HTML 2Page - STMicroelectronics M54HC688 Datasheet HTML 3Page - STMicroelectronics M54HC688 Datasheet HTML 4Page - STMicroelectronics M54HC688 Datasheet HTML 5Page - STMicroelectronics M54HC688 Datasheet HTML 6Page - STMicroelectronics M54HC688 Datasheet HTML 7Page - STMicroelectronics M54HC688 Datasheet HTML 8Page - STMicroelectronics M54HC688 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M54HC688
M74HC688
October 1992
8 BIT EQUALITY COMPARATOR
B1R
(Plastic Package)
ORDER CODES :
M54HC688F1R
M74HC688M1R
M74HC688B1R
M74HC688C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 17 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH| = IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS688
The M54/74HC688 utilizes silicon gate C
2MOS
technology to achieve operating speeds equivalent
to LSTTL devices. Along with the low power dissi-
pation and high noise immunity of standard C
2MOS
integrated circuit, it possesses the driving capability
of 10 LSTTL load. The M54/74HC688 compares bit
for bit two 8-bit words applied on inputs P0 - P7 and
inputs Q0 - Q7 and indicates whether or not they are
equal. A single active low enable is provided to fa-
cilitate cascading several packages to enable com-
parison of words greater than 8 bits. All inputs are
equipped with protection circuit against static dis-
charge and transient excess voltage.
1/10


Similar Part No. - M54HC688

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
300Kb / 10P
RAD-HARD 8 BIT EQUALITY COMPARATOR
01-Jun-2004
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC688D STMICROELECTRONICS-M54HC688D Datasheet
300Kb / 10P
RAD-HARD 8 BIT EQUALITY COMPARATOR
01-Jun-2004
M54HC688D STMICROELECTRONICS-M54HC688D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC688D1 STMICROELECTRONICS-M54HC688D1 Datasheet
300Kb / 10P
RAD-HARD 8 BIT EQUALITY COMPARATOR
01-Jun-2004
More results

Similar Description - M54HC688

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT688 STMICROELECTRONICS-M54HCT688 Datasheet
242Kb / 10P
8 BIT EQUALITY COMPARATOR
Feb-1993
logo
Toshiba Semiconductor
TC74HC688AP TOSHIBA-TC74HC688AP Datasheet
207Kb / 5P
8BIT EQUALITY COMPARATOR
TC74HCT688AP TOSHIBA-TC74HCT688AP Datasheet
205Kb / 5P
8-BIT EQUALITY COMPARATOR
logo
Fairchild Semiconductor
MM74HC688 FAIRCHILD-MM74HC688 Datasheet
99Kb / 7P
8-Bit Magnitude Comparator (Equality Detector)
logo
Toshiba Semiconductor
TC74AC521P TOSHIBA-TC74AC521P Datasheet
267Kb / 7P
8-BIT EQUALITY COMPARATOR
logo
National Semiconductor ...
MM54HCT688 NSC-MM54HCT688 Datasheet
109Kb / 4P
8-Bit Magnitude Comparator (Equality Detector)
logo
Toshiba Semiconductor
TC74ACT521P TOSHIBA-TC74ACT521P Datasheet
281Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
TC74HCT688AP TOSHIBA-TC74HCT688AP_07 Datasheet
288Kb / 7P
8-Bit Equality Comparator
logo
STMicroelectronics
M74HC688 STMICROELECTRONICS-M74HC688 Datasheet
326Kb / 9P
8 BIT EQUALITY COMPARATOR
Jul-2001
M54HC688 STMICROELECTRONICS-M54HC688_04 Datasheet
300Kb / 10P
RAD-HARD 8 BIT EQUALITY COMPARATOR
01-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com