Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3835EO Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # CS3835EO
Description  2X40W Class-D Audio Power Amplifier Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

CS3835EO Datasheet(HTML) 1 Page - Semicoa Semiconductor

  CS3835EO Datasheet HTML 1Page - Semicoa Semiconductor CS3835EO Datasheet HTML 2Page - Semicoa Semiconductor CS3835EO Datasheet HTML 3Page - Semicoa Semiconductor CS3835EO Datasheet HTML 4Page - Semicoa Semiconductor CS3835EO Datasheet HTML 5Page - Semicoa Semiconductor CS3835EO Datasheet HTML 6Page - Semicoa Semiconductor CS3835EO Datasheet HTML 7Page - Semicoa Semiconductor CS3835EO Datasheet HTML 8Page - Semicoa Semiconductor CS3835EO Datasheet HTML 9Page - Semicoa Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CS3835EO
2×40W D 类音频功率放大电路
版本:S-2022-07-版本 V0.1
华 润 微 集 成 电 路 ( 无 锡 ) 有 限 公 司
第 1 页
w w w . c r m i c r o . c o m
1、概述
CS3835EO 是一款典型输出功率为 40W 立体声的 D 类音频功率放大电路,适用于拉
杆音箱、高级桌面音响等场合。
特点
● 工作电压范围:8V~26V
● 典型输出功率:40W×2 @ 24V、8Ω、THD=10%
● 高工作效率:典型值 90%
● 低失真度:典型值<0.1%
● 支持 26dB 固定增益
● 支持单端及差分信号输入
● 支持 BTL×2 或 PBTL×1 信号输出
● 支持定频和扩频两种载频模式
● 内置过流保护、过温保护、欠压保护、过压保护、输入直流保护等保护功能
● 外围简单
● 封装形式:ESOP16(散热片朝下)


Similar Part No. - CS3835EO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
32 QAM Demodulator
logo
Shenzhenshi YONGFUKANG ...
CS3816 YONGFUKANG-CS3816 Datasheet
438Kb / 9P
2횞15W Filterless Low EMI Stereo Class D Audio Power Amplifier
logo
Cherry Semiconductor Co...
CS3842A CHERRY-CS3842A Datasheet
156Kb / 6P
Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
Rev. 10/23/98
logo
ON Semiconductor
CS3842A ONSEMI-CS3842A Datasheet
273Kb / 10P
Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS3842AGD14 CHERRY-CS3842AGD14 Datasheet
156Kb / 6P
Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
Rev. 10/23/98
More results

Similar Description - CS3835EO

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
Class-D Audio Power Amplifier
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
Class-D Audio Power Amplifier
5/07-Revision 0
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
Class-D Audio Power Amplifier
5/07-Revision 0
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
Class-D Audio Power Amplifier
REV. A
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
Class D Audio Power Amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
Class-D Audio Power Amplifier
May, 2013
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
Class-D Audio power Amplifier
May, 2013
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
Class D audio power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com