Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC7245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC7245
Description  OCTAL BUS TRANSCEIVER (3-STATE):HC7645 NONINVERTING HC7640 INVERTING ,HC7643 INVERTING/NONINVERTING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC7245 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC7245 Datasheet HTML 1Page - STMicroelectronics M54HC7245 Datasheet HTML 2Page - STMicroelectronics M54HC7245 Datasheet HTML 3Page - STMicroelectronics M54HC7245 Datasheet HTML 4Page - STMicroelectronics M54HC7245 Datasheet HTML 5Page - STMicroelectronics M54HC7245 Datasheet HTML 6Page - STMicroelectronics M54HC7245 Datasheet HTML 7Page - STMicroelectronics M54HC7245 Datasheet HTML 8Page - STMicroelectronics M54HC7245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M54HC7245/7640/7643/7645
M74HC7245/7640/7643/7645
January 1994
HC7640 INVERTING , HC7643 INVERTING/NON INVERTING
OCTAL BUS TRANSCEIVER (3-STATE): HC7645 NON INVERTING
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXXF1R
M74HCXXXXM1R
M74HCXXXXB1R
M74HCXXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTION (top view)
.
HIGH SPEED
tPD = 12 ns (TYP.) at VCC =5V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 oC
.
HIGH NOISE IMMUNITY
VH = 1.1 (TYP.) at VCC =5V
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING RANGE
VCC (OPR) = 2V to 6V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS245/640/643
DESCRIPTION
The M54/74HC7245 HC7640, HC7643 and HC7645
utilise silicon gate C
2MOS technology to achive
operating speeds equivalent to LSTTL devices.
Along with the low power dissipation and high noise
immunity of standads C
2MOS integrated circuit, it
possesses the capability to drive 15 LSTTL loads.
These IC’s are intended for two-way asynchronous
communication between data buses, and the
direction of data trasmission is determined by DIR
input. The enable input (G) can be used to disable the
device so that the buses are effectively isolated.
The HC7245/640/7643/7645 have the same pin
configuration and function as the HC245/640/643
and they have a hysteresis characteristics with each
input, so HC7245/7640/7643/7645 can be used as a
line receiver, etc. All input are equipped with
protection circuits against static discharge and
transient excess voltage.
IT IS PROHIBITED TO APPLY A SIGNAL TO A BUS
TERMINAL WHEN IT IS IN OUTPUT MODE AND
WHEN A BUS THERMINAL IS FLOATING (HIGH
IMPEDANCE STATE), IT IS REQUESTED TO FIX
THE INPUT LEVEL BY MEANS OF EXTERNAL
PULL DOWN OR PULL UP RESISTOR.
HC7640
HC7643
HC7645/ HC7245
HC7245 is electrically and funcutionally the same as the HC7645
1/10


Similar Part No. - M54HC7245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC7240 STMICROELECTRONICS-M54HC7240 Datasheet
270Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC7240: INVERTED - HC7241/7244 NON INVERTED
Oct-1993
M54HC7240B1R STMICROELECTRONICS-M54HC7240B1R Datasheet
270Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC7240: INVERTED - HC7241/7244 NON INVERTED
Oct-1993
M54HC7240C1R STMICROELECTRONICS-M54HC7240C1R Datasheet
270Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC7240: INVERTED - HC7241/7244 NON INVERTED
Oct-1993
M54HC7240F1R STMICROELECTRONICS-M54HC7240F1R Datasheet
270Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC7240: INVERTED - HC7241/7244 NON INVERTED
Oct-1993
M54HC7240M1R STMICROELECTRONICS-M54HC7240M1R Datasheet
270Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC7240: INVERTED - HC7241/7244 NON INVERTED
Oct-1993
More results

Similar Description - M54HC7245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC245A ONSEMI-MC74HC245A Datasheet
129Kb / 10P
Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
logo
System Logic Semiconduc...
SL74LS245 SLS-SL74LS245 Datasheet
44Kb / 4P
Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74HC623 INTEGRAL-IN74HC623 Datasheet
108Kb / 5P
Octal 3-State Noninverting Bus Transceiver
IN74ACT623 INTEGRAL-IN74ACT623 Datasheet
189Kb / 5P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
IN74LS245 INTEGRAL-IN74LS245 Datasheet
332Kb / 5P
Octal 3-State Noninverting Bus Transceiver
IN74LV623 INTEGRAL-IN74LV623 Datasheet
133Kb / 5P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
KODENSHI_AUK CORP.
KK74LS245 KODENSHI-KK74LS245 Datasheet
349Kb / 5P
Octal 3-State Noninverting Bus Transceiver
KK74LV623 KODENSHI-KK74LV623 Datasheet
270Kb / 6P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LS245 IKSEMICON-IN74LS245 Datasheet
259Kb / 5P
Octal 3-State Noninverting Bus Transceiver
logo
Motorola, Inc
MC74F620 MOTOROLA-MC74F620 Datasheet
108Kb / 5P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS (INVERTING AND NONINVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com