Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLVC2G125IDCTRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC2G125IDCTRQ1
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CLVC2G125IDCTRQ1 Datasheet(HTML) 7 Page - Texas Instruments

  CLVC2G125IDCTRQ1 Datasheet HTML 1Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 2Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 3Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 4Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 5Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 6Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 7Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MECHANICAL DATA
MPDS049B – MAY 1999 – REVISED OCTOBER 2002
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DCT (R-PDSO-G8)
PLASTIC SMALL-OUTLINE PACKAGE
0,60
0,20
0,25
0
° – 8°
0,15 NOM
Gage Plane
4188781/C 09/02
4,25
5
0,30
0,15
2,90
3,75
2,70
8
4
3,15
2,75
1
0,10
0,00
1,30 MAX
Seating Plane
0,10
M
0,13
0,65
PIN 1
INDEX AREA
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion
D. Falls within JEDEC MO-187 variation DA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com