Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLVC2G125IDCTRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC2G125IDCTRQ1
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CLVC2G125IDCTRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  CLVC2G125IDCTRQ1 Datasheet HTML 1Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 2Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 3Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 4Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 5Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 6Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 7Page - Texas Instruments CLVC2G125IDCTRQ1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FEATURES
DCT OR DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OE
1A
2Y
GND
VCC
2OE
1Y
2A
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G125-Q1
DUAL BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES559B – MARCH 2004 – REVISED OCTOBER 2007
www.ti.com
• Qualified for Automotive Applications
• ESD Protection Exceeds JESD 22
• Supports 5-V V
CC Operation
–
2000-V Human-Body Model (A114-A)
• Inputs Accept Voltages to 5.5 V
–
200-V Machine Model (A115-A)
• Max t
pd of 4.3 ns at 3.3 V
–
1000-V Charged-Device Model (C101)
• Low Power Consumption, 10-μA Max I
CC
• ±24-mA Output Drive at 3.3 V
• Typical V
OLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical V
OHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• I
off Supports Partial-Power-Down Mode
Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
The SN74LVC2G125-Q1 is a dual bus buffer gate designed for 1.65-V to 5.5-V VCC operation. This device
features dual line drivers with 3-state outputs. The outputs are disabled when the associated output-enable (OE)
input is high.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
SSOP – DCT
Tape and reel
CLVC2G125IDCTRQ1
C25_ _ _
–40
°C to 85°C
VSSOP – DCU
Tape and reel
CLVC2G125IDCURQ1(4)
C25_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
(4)
Product preview
FUNCTION TABLE
(EACH BUFFER)
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Z
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2004–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLVC2G125IDCTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC2G125IDCTRQ1 TI2-CLVC2G125IDCTRQ1 Datasheet
1,003Kb / 16P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
REVISED MARCH 2011
CLVC2G125IDCTRQ1.B TI2-CLVC2G125IDCTRQ1.B Datasheet
1,003Kb / 16P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
REVISED MARCH 2011
More results

Similar Description - CLVC2G125IDCTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVC2G125 TI1-SN74LVC2G125_16 Datasheet
925Kb / 22P
Dual Bus Buffer Gate With 3-State Outputs
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
Dual Bus Buffer Gate With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com