Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC4052 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HC4052
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC4052 Datasheet(HTML) 3 Page - STMicroelectronics

  HC4052 Datasheet HTML 1Page - STMicroelectronics HC4052 Datasheet HTML 2Page - STMicroelectronics HC4052 Datasheet HTML 3Page - STMicroelectronics HC4052 Datasheet HTML 4Page - STMicroelectronics HC4052 Datasheet HTML 5Page - STMicroelectronics HC4052 Datasheet HTML 6Page - STMicroelectronics HC4052 Datasheet HTML 7Page - STMicroelectronics HC4052 Datasheet HTML 8Page - STMicroelectronics HC4052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IEC LOGIC SYMBOLS
HC4053
HC4052
HC4051
PIN DESCRIPTION (HC4051)
PIN No
SYMBOL
NAME AND FUNCTION
3
COM
OUT/IN
Common Output/input
6
INH
INHIBIT Input
7VEE
Negative Supply Voltage
11, 10, 9
A, B, C
Select Inputs
13, 14, 15,
12, 1, 5, 2, 4
0 TO 7
Independent Input/Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
PIN DESCRIPTION (HC4053)
PIN No
SYMBOL
NAME AND FUNCTION
2, 1
bx, by
Independent Input/Outputs
5, 3
cx, cy
Independent Input/Outputs
6
INH
INHIBIT Input
7VEE
Negative Supply Voltage
11, 10, 9
A, B, C
Select Inputs
12, 13
ax, ay
Independent Input/Outputs
14, 15, 4
ax TO cy
Common Output/input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
PIN DESCRIPTION (HC4052)
PIN No
SYMBOL
NAME AND FUNCTION
1, 5, 2, 4
0Y TO 3Y
Independent Input/Outputs
6
INH
INHIBIT Input
7VEE
Negative Supply Voltage
10, 9
A, B
Select Inputs
12, 14, 15,
11
0X TO 3X
Independent Input/Outputs
3
COM Y
OUT/IN
Common X Output/input
13
COM X
OUT/IN
Common Y Output/input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
M54/M74HC4051/4052/4053
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com