Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC4052 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HC4052
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC4052 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HC4052 Datasheet HTML 2Page - STMicroelectronics HC4052 Datasheet HTML 3Page - STMicroelectronics HC4052 Datasheet HTML 4Page - STMicroelectronics HC4052 Datasheet HTML 5Page - STMicroelectronics HC4052 Datasheet HTML 6Page - STMicroelectronics HC4052 Datasheet HTML 7Page - STMicroelectronics HC4052 Datasheet HTML 8Page - STMicroelectronics HC4052 Datasheet HTML 9Page - STMicroelectronics HC4052 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VEE
Supply Voltage
-6 to 0
V
VCC -VEE
Supply Voltage
2 to 12
V
VIN
Input Voltage
0 to VCC
V
VI/O
Input/Output Voltage
VEE to VCC
V
Top
Operating Temperature:
M54HC Series
M74HC Series
-55 to +125
-40 to +85
oC
oC
tr,tf
Input Rise and Fall Time
VCC = 2 V
0 to 1000
ns
VCC = 4.5 V
0 to 500
VCC = 6 V
0 to 400
DC SPECIFICATIONS
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
VEE
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHC
High Level
Control Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VILC
Low Level
Control Input
Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
RON
ON Resistance
4.5 GND VIN =VIHC or VILC
VI/O =VCC to VEE
II/O
≤ 2mA
85
180
225
270
Ω
4.5
-4.5
55
120
150
180
6.0
-6.0
50
100
125
150
2.0 GND VIN =VIHC or VILC
VI/O =VCC or VEE
II/O
≤ 2mA
150
4.5 GND
70
150
190
230
4.5
-4.5
50
100
125
150
6.0
-6.0
45
80
100
120
∆RON
Difference of
ON Resistance
Between
Switches
4.5 GND
VIN =VIHC or VILC
VI/O =VCC or VEE
II/O
≤ 2mA
10
30
35
45
Ω
4.5
-4.5
5
12
15
18
6.0
-6.0
5
10
12
15
IOFF
Input/Output
Leakage
Current
(SWITCH OFF)
6.0 GND
VOS =VCC or
GND
VIS = GND or VCC
VIN =VILC or VIHC
±0.06
±0.6
±1.2
µA
6.0
-6.0
±0.1
±1
±2
IIZ
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
6.0 GND
VOS =VCC or
GND
VIN =VIHC or VILC
±0.06
±0.6
±1.2
µA
6.0
-6.0
±0.1
±1
±2
IIN
Control Input
Current
6.0 GND
VIN =VCC or GND
±0.1
±0.1
±1
µA
ICC
Quiescent
Supply Current
6.0 GND
VIN =VCC or GND
440
80
µA
6.0
-6.0
8
80
160
M54/M74HC4051/4052/4053
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com