Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFN Datasheet(PDF) 9 Page - Clarke International

Part # CFN
Description  AIR FRAME NAILER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFN Datasheet(HTML) 9 Page - Clarke International

Back Button CFN Datasheet HTML 5Page - Clarke International CFN Datasheet HTML 6Page - Clarke International CFN Datasheet HTML 7Page - Clarke International CFN Datasheet HTML 8Page - Clarke International CFN Datasheet HTML 9Page - Clarke International CFN Datasheet HTML 10Page - Clarke International CFN Datasheet HTML 11Page - Clarke International CFN Datasheet HTML 12Page - Clarke International CFN Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
1. Turn ON the air supply and check for air leaks. If any are apparent, rectify
before proceeding.
2. Ensure the operating pressure is set to between 5.51 - 7.58 bar (80 - 110 psi),
depending upon the size of nail used and type of material being worked.
• Harder material or bigger nails will mean a higher pressure is required
3. Hold the nailer firmly with the safety yoke flat against the workpiece and at
90oto it.
4. Squeeze the trigger to drive the nail.
5. Each squeeze of the trigger will drive one nail only.
• If the nail is driven in too deep, reduce the air pressure in increments
of 0.5 bar (7 psi), checking the result after each adjustment. You
should aim, to work with the lowest possible air pressure. This will save
energy, produce less noise and reduce tool wear.
• If the nail is not driven in sufficiently, increase the air pressure in
increments of 0.5 bar (7 psi), checking the result after each
adjustment.
Avoid triggering the nailer when the nail magazine is empty. If the nailer
operates improperly or is defective, disconnect from the air supply and have
the tool inspected by a qualified service technician.
In the event of long breaks in work or at the end of the working session,
disconnect the tool from the air supply and empty the nail magazine.
The air connector of the nailer and the hose should be protected against
contamination. The ingress of coarse dust, chippings, sand etc will result in
leaks and damage to the nailer and the couplings.
DISCONNECTING THE AIR SUPPLY
1. Refer to the compressor instruction book for the procedures to shut down
and release the compressed air.
WARNING: DO NOT EXCEED THE MAXIMUM OPERATING PRESSURE OF THE
TOOL; 8.27 BAR (120 PSI).
WARNING: NEVER DISCONNECT THE AIR SUPPLY HOSE UNTIL THE
COMPRESSOR HAS BEEN SHUT DOWN AND THE COMPRESSED AIR
RELEASE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com