Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFN Datasheet(PDF) 2 Page - Clarke International

Part # CFN
Description  AIR FRAME NAILER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFN Datasheet(HTML) 2 Page - Clarke International

  CFN Datasheet HTML 1Page - Clarke International CFN Datasheet HTML 2Page - Clarke International CFN Datasheet HTML 3Page - Clarke International CFN Datasheet HTML 4Page - Clarke International CFN Datasheet HTML 5Page - Clarke International CFN Datasheet HTML 6Page - Clarke International CFN Datasheet HTML 7Page - Clarke International CFN Datasheet HTML 8Page - Clarke International CFN Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE product.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
SPECIFICATION
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
Model No
CFN21
Dimensions
500 x 120 x 363 mm
Weight
3.8 kg
Drive Speed
60 (shots/min)
Nail size
50-90 mm
Magazine capacity
60
Compressed air consumption
14.8 cfm
Maximum Allowable Pressure
120 psi /8.3 bar
Recommended Allowable Pressure Range
80 - 110 psi /5.51 - 7.58 bar
Sound Power Measured LwA
112.5 dBLwA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com