Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF4905S Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IRF4905S
Description  isc P-Channel MOSFET Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF4905S Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRF4905S Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF4905S Datasheet HTML 2Page - Inchange Semiconductor Company Limited IRF4905S Datasheet HTML 3Page - Inchange Semiconductor Company Limited IRF4905S Datasheet HTML 4Page - Inchange Semiconductor Company Limited IRF4905S Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
isc P-Channel MOSFET Transistor
IRF4905S
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage
VGS=0V; ID= -0.25mA
-55
--
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID= -0.25mA
-2.0
-4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= -10V; ID= -38A
--
20
mΩ
IGSS
Gate-Source Leakage Current
VGS= ±20V; VDS= 0V
--
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= -55V; VGS= 0
--
-25
uA
VSD
Forward On-Voltage
IS= -38A; VGS= 0
--
-1.4
V
TYPICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com