Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF4905S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF4905S
Description  isc P-Channel MOSFET Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF4905S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF4905S Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF4905S Datasheet HTML 2Page - Inchange Semiconductor Company Limited IRF4905S Datasheet HTML 3Page - Inchange Semiconductor Company Limited IRF4905S Datasheet HTML 4Page - Inchange Semiconductor Company Limited IRF4905S Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
isc P-Channel MOSFET Transistor
IRF4905S
www.iscsemi.com
1
FEATURES
·
Drain Current -ID=-74A@ TC=25℃
·
Drain Source Voltage -VDSS= -55V(Min)
·
Static Drain-Source On-Resistance
-RDS(on) = 20mΩ(Max)@VGS= -10V
DESCRIPTION
·
Motor drive, DC-DC converter, power switch
and solenoid drive.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-55
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous
-74
A
IDM
Drain Current-Single Plused
-260
A
PD
Total Dissipation @TC=25℃
200
W
Tj
Max. Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature
-55~175
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.75
℃
/W


Similar Part No. - IRF4905S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF4905S IRF-IRF4905S Datasheet
163Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
logo
Kersemi Electronic Co.,...
IRF4905S KERSEMI-IRF4905S Datasheet
4Mb / 10P
Advanced Process Technology
logo
International Rectifier
IRF4905S IRF-IRF4905S Datasheet
174Kb / 11P
Advanced Process Technology
IRF4905SPBF IRF-IRF4905SPBF Datasheet
357Kb / 11P
HEXFET Power MOSFET
IRF4905SPBF IRF-IRF4905SPBF_15 Datasheet
366Kb / 12P
Advanced Process Technology
More results

Similar Description - IRF4905S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com