Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC696F1R Datasheet(PDF) 14 Page - STMicroelectronics

Part # M54HC696F1R
Description  HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC696F1R Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M54HC696F1R Datasheet HTML 10Page - STMicroelectronics M54HC696F1R Datasheet HTML 11Page - STMicroelectronics M54HC696F1R Datasheet HTML 12Page - STMicroelectronics M54HC696F1R Datasheet HTML 13Page - STMicroelectronics M54HC696F1R Datasheet HTML 14Page - STMicroelectronics M54HC696F1R Datasheet HTML 15Page - STMicroelectronics M54HC696F1R Datasheet HTML 16Page - STMicroelectronics M54HC696F1R Datasheet HTML 17Page - STMicroelectronics M54HC696F1R Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
(Qn)
2.0
50
25
60
75
90
ns
4.5
7
121918
6.0
6
101315
tTLH
tTHL
Output Transition
Time
(RCO)
2.0
50
30
75
95
115
ns
4.5
8
151923
6.0
7
131620
tPLH
tPHL
Propagation
Delay Time
(CCK - Q)
2.0
50
90
215
270
325
ns
4.5
28
43
54
65
6.0
24
37
46
55
2.0
150
103
245
305
370
ns
4.5
32
49
61
74
6.0
27
42
52
63
tPLH
tPHL
Propagation
Delay Time
(RCK - Q)
2.0
50
82
185
230
280
ns
4.5
24
37
46
56
6.0
20
31
39
48
2.0
150
95
215
270
325
ns
4.5
28
43
54
65
6.0
24
37
46
55
tPLH
tPHL
Propagation
Delay Time
(CCK - RCO)
2.0
50
109
245
305
370
ns
4.5
32
49
61
74
6.0
27
42
52
63
tPLH
tPHL
Propagation
Delay Time
(R/C - Q)
2.0
50
61
155
195
235
ns
4.5
20
31
39
47
6.0
17
26
33
40
2.0
150
73
185
230
280
ns
4.5
24
37
46
56
6.0
20
31
39
48
tPLH
tPHL
Propagation
Delay Time
(ENT - RCO)
2.0
50
63
140
175
210
ns
4.5
18
28
35
42
6.0
15
24
30
36
tPLH
tPHL
Propagation
Delay Time
(CCLR - Q)
2.0
50
for
HC696
HC697
78
195
245
295
ns
4.5
26
39
49
59
6.0
22
33
42
50
2.0
150
90
235
295
355
ns
4.5
30
47
59
71
6.0
26
40
50
60
tPLH
tPHL
Propagation
Delay Time
(CCLR - RCO)
2.0
50
for
HC696
HC697
98
220
275
330
ns
4.5
29
44
55
66
6.0
25
37
47
56
fMAX
Maximum Clock
Frequency
2.0
50
5
12
4
3.4
MHz
4.5
25
45
20
17
6.0
30
53
24
20
M54/M74HC696/697/698/699
14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com