Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC696F1R Datasheet(PDF) 15 Page - STMicroelectronics

Part # M54HC696F1R
Description  HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC696F1R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M54HC696F1R Datasheet HTML 11Page - STMicroelectronics M54HC696F1R Datasheet HTML 12Page - STMicroelectronics M54HC696F1R Datasheet HTML 13Page - STMicroelectronics M54HC696F1R Datasheet HTML 14Page - STMicroelectronics M54HC696F1R Datasheet HTML 15Page - STMicroelectronics M54HC696F1R Datasheet HTML 16Page - STMicroelectronics M54HC696F1R Datasheet HTML 17Page - STMicroelectronics M54HC696F1R Datasheet HTML 18Page - STMicroelectronics M54HC696F1R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPZL
tPZH
Output Enable
Time
2.0
50
RL =1K
Ω
45
120
150
180
ns
4.5
15
24
30
36
6.0
13
20
26
31
2.0
150
RL =1K
Ω
57
150
190
225
ns
4.5
19
30
38
45
6.0
16
26
32
38
tPLZ
tPHZ
Output Disable
Time
2.0
50
RL =1K
Ω
32
115
145
175
ns
4.5
17
23
29
35
6.0
14
20
25
30
tW(H)
tW(L)
Minimum Pulse
Width
(CCK, RCK)
2.0
50
40
75
95
110
ns
4.5
8
151922
6.0
7
131619
tW(L)
Minimum Pulse
Width
(CCLR)
2.0
50
for
HC696
HC697
40
75
95
110
ns
4.5
8
151922
6.0
7
131619
ts
Minimum Set-up
Time
(CCLR)
2.0
50
for
HC698
HC699
16
50
65
75
ns
4.5
4
101315
6.0
3
9
11
13
ts
Minimum Set-up
Time (LOAD,
ENT, ENP)
2.0
50
64
150
190
220
ns
4.5
16
30
38
44
6.0
14
26
32
37
ts
Minimum Set-up
Time
(A, B, C, D)
2.0
50
16
50
65
75
ns
4.5
4
101315
6.0
3
9
11
13
ts
Minimum Set-up
Time
(CCK, RCK)
2.0
50
44
100
125
150
ns
4.5
11
20
25
30
6.0
9
172126
ts
Minimum Set-up
Time
(U/D)
2.0
50
44
100
125
145
ns
4.5
11
20
25
29
6.0
9
172125
th
Minimum Hold
Time
2.0
50
555
ns
4.5
5
5
5
6.0
5
5
5
tREM
Minimum
Removal Time
2.0
50
for
HC696
HC697
555
ns
4.5
5
5
5
6.0
5
5
5
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
HC696/697/699
HC698
71
77
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/2 (per circuit)
AC ELECTRICAL CHARACTERISTICS (Continued)
M54/M74HC696/697/698/699
15/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com