Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DSM Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MAC4DSM
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MAC4DSM Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MAC4DSM Datasheet HTML 1Page - Inchange Semiconductor Company Limited MAC4DSM Datasheet HTML 2Page - Inchange Semiconductor Company Limited MAC4DSM Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Triacs
MAC4DSM
www.iscsemi.com
1
FEATURES
· Small Size Surface Mount DPAK Package
· Passivated Die for Reliability and Uniformity
· With TO-252 Package
APPLICATIONS
· SMPS
· Electronic Thermostats
· Motor Controls for Home Appliances
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
600
V
VRRM
Repetitive Peak Off-state Voltage
800
V
IT(RMS)
Non Repetitive Surge Peak On-state Current
TC=108℃
4
A
ITSM
Non-repetitive Peak On-state Current
(One Full Cycle Sine Wave, 60 Hz,TJ = 125℃)
40
A
I2t
I2t Value for Fusing,tp=8.3ms
6.6
A2S
PG(AV)
Average Gate Power Dissipation
tp=8.3ms,TC=108℃
1
W
PGM
Peak Gate Power
Pulse Width ≤ 20s, TC = 108℃)
2
W
TJ
Operating Junction Temperature
-40~125
℃
Tstg
Storage Temperature
-40~150
℃


Similar Part No. - MAC4DSM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DSM ONSEMI-MAC4DSM Datasheet
132Kb / 8P
SILICON BIDIRECTIONAL THYRISTORS
August, 2004 ??Rev. 4
MAC4DSM ONSEMI-MAC4DSM Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 5
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
logo
ON Semiconductor
MAC4DSM-001 ONSEMI-MAC4DSM-001 Datasheet
132Kb / 8P
SILICON BIDIRECTIONAL THYRISTORS
August, 2004 ??Rev. 4
MAC4DSM-001 ONSEMI-MAC4DSM-001 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 5
More results

Similar Description - MAC4DSM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com