Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2H2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # MIP2H2
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIP2H2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MIP2H2 Datasheet HTML 4Page - STMicroelectronics MIP2H2 Datasheet HTML 5Page - STMicroelectronics MIP2H2 Datasheet HTML 6Page - STMicroelectronics MIP2H2 Datasheet HTML 7Page - STMicroelectronics MIP2H2 Datasheet HTML 8Page - STMicroelectronics MIP2H2 Datasheet HTML 9Page - STMicroelectronics MIP2H2 Datasheet HTML 10Page - STMicroelectronics MIP2H2 Datasheet HTML 11Page - STMicroelectronics MIP2H2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AC ELECTRICAL CHARACTERISTICS for HC4353 (CL =50 pF, Input tr =tf =6 ns, GND=0V)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
VEE
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
ΦI/O
Phase Difference
Between Input
and Output
2.0
GND
25
60
75
ns
4.5
GND
6
12
15
6.0
GND
5
10
13
4.5
-4.5
4
tPZL
tPZH
Output Enable
Time
(E1, E2 - O)
2.0
GND RL =1K
Ω
100
200
250
300
ns
4.5
GND
22
40
50
60
6.0
GND
18
34
43
51
4.5
-4.5
19
tPZL
tPZH
Output Enable
Time
(LE - I/O)
2.0
GND RL =1K
Ω
110
225
280
340
ns
4.5
GND
24
45
56
68
6.0
GND
20
38
48
57
4.5
-4.5
18
tPZL
tPZH
Output Enable
Time
(A, B, C - I/O)
2.0
GND RL =1K
Ω
100
225
280
340
ns
4.5
GND
22
45
56
68
6.0
GND
18
38
48
57
4.5
-4.5
19
tPLZ
tPHZ
Output Disable
Time
(E1, E2 - O)
2.0
GND RL =1K
Ω
130
290
363
435
ns
4.5
GND
38
58
72
87
6.0
GND
32
49
61
74
4.5
-4.5
30
tPLZ
tPHZ
Output Disable
Time
(LE - I/O)
2.0
GND RL =1K
Ω
140
300
375
450
ns
4.5
GND
41
60
75
90
6.0
GND
34
51
64
77
4.5
-4.5
37
tPLZ
tPHZ
Output Disable
Time
(A, B, C - I/O)
2.0
GND RL =1K
Ω
135
325
406
ns
4.5
GND
42
65
81
100
6.0
GND
32
55
69
85
4.5
-4.5
35
tW(H)
Minimum Pulse
Width (LE)
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
ts
Minimum Set Up
Time
2.0
50
60
75
ns
4.5
10
12
15
6.0
9
11
13
th
Minimum Hold
Time
2.0
5
5
5
ns
4.5
5
5
5
6.0
5
5
5
CIN
Input Capacitance
5
10
10
10
pF
CIS
Common Terminal
Capacitance
5.0
-5.0
11
20
20
20
pF
COS
Switch Terminal
Capacitance
5.0
-5.0
7
151515
pF
CIOS
Feed Through
Capacitance
5.0
-5.0
0.75
2
2
2
pF
CPD (*)
Power Dissipation
Capacitance
5.0
GND
10
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC4351/4352/4353
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com