Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2H2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MIP2H2
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIP2H2 Datasheet(HTML) 2 Page - STMicroelectronics

  MIP2H2 Datasheet HTML 1Page - STMicroelectronics MIP2H2 Datasheet HTML 2Page - STMicroelectronics MIP2H2 Datasheet HTML 3Page - STMicroelectronics MIP2H2 Datasheet HTML 4Page - STMicroelectronics MIP2H2 Datasheet HTML 5Page - STMicroelectronics MIP2H2 Datasheet HTML 6Page - STMicroelectronics MIP2H2 Datasheet HTML 7Page - STMicroelectronics MIP2H2 Datasheet HTML 8Page - STMicroelectronics MIP2H2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CHIP CARRIER
PIN DESCRIPTION (HC4351)
PIN No
SYMBOL
NAME AND FUNCTION
4
COM
Common
3, 14
NC
Not Connected
7
EN1
Enable Input (Active LOW)
8
EN2
Enable Input (Active
HIGH)
9VEE
Negative Supply Voltage
11
LE
Latch Enable Input
(Active LOW)
15, 13, 12
A, B, C
Select Inputs
17, 18, 19,
16, 1, 6, 2, 5
0 to 7
Independent Input/Outputs
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
PIN DESCRIPTION (HC4352)
PIN No
SYMBOL
NAME AND FUNCTION
1, 6, 2, 5
0Y to 3Y
Independent Input/Outputs
3, 14
NC
Not Connected
7
EN1
Enable Input (Active LOW)
8
EN2
Enable Input (Active
HIGH)
9VEE
Negative Supply Voltage
11
LE
Latch Enable Input
(Active LOW)
13, 12
A, B
Select Inputs
16, 18, 19,
15
0X to 3X
Independent Input/Outputs
17, 4
X COM
Y COM
Common Output/Inputs
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
PIN DESCRIPTION (HC4353)
PIN No
SYMBOL
NAME AND FUNCTION
1, 2
0Y 1Y
Independent Input/Outputs
5
Z COM
Common Output/Inputs
6, 4
0Z, 1Z
Independent Input/Outputs
3, 14
NC
Not Connected
7
EN1
Enable Input (Active LOW)
8
EN2
Enable Input (Active
HIGH)
9VEE
Negative Supply Voltage
11
LE
Latch Enable Input
(Active LOW)
15, 13, 12
A, B, C
Select Inputs
16, 17
0X, 1X
Independent Input/Outputs
18
X COM
Common Output/Inputs
19
Y COM
Common Output/Inputs
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
HC4353
HC4352
HC4351
M54/M74HC4351/4352/4353
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com