Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC620 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74HC620
Description  OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC620 Datasheet(HTML) 1 Page - STMicroelectronics

  74HC620 Datasheet HTML 1Page - STMicroelectronics 74HC620 Datasheet HTML 2Page - STMicroelectronics 74HC620 Datasheet HTML 3Page - STMicroelectronics 74HC620 Datasheet HTML 4Page - STMicroelectronics 74HC620 Datasheet HTML 5Page - STMicroelectronics 74HC620 Datasheet HTML 6Page - STMicroelectronics 74HC620 Datasheet HTML 7Page - STMicroelectronics 74HC620 Datasheet HTML 8Page - STMicroelectronics 74HC620 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54/74HC620
M54/74HC623
October 1992
HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
OCTAL BUS TRANSCEIVER
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 10 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH LS620/623
The M54/74HC620/623 are high speed CMOS
OCTAL BUS TRANSCEIVERS fabricated in silicon
gate C
2MOS technology. They have the same high
speed performance of LSTTL combined with true
CMOS low power consumption.
These octal bus transceivers are designed for asyn-
chronous two-way communication between data
buses. The control function implementation allows
maximum flexibility in timing.
These devices allow data transmission from the A
bus to B bus or from the B to the A bus depending
upon the logic levels at the enable inputs (GBA and
GAB). The enable inputs can be used to disable the
device so that the buses are effectively isolated.
The dual-enable configuration gives these devices
the capability to store data by simultaneous enabling
of GBA and GAB.
Each output reinforces its input in this transceiver
configuration. Thus, when both control inputs are
enabled and all other data sources to the two sets
of bus lines are at high impedance, both sets of bus
lines (16 in all) will remain at their last states. The 8-
bit codes appearing on the two sets of buses will be
identical for the ’HC623 or complementary for the
’HC620. All inputs are equipped with protection cir-
cuits against static discharge and transient excess
voltage.
1/11


Similar Part No. - 74HC620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC6323 PHILIPS-74HC6323 Datasheet
90Kb / 15P
Programmable ripple counter with oscillator; 3-state
September 1993
74HC6323A PHILIPS-74HC6323A Datasheet
90Kb / 15P
Programmable ripple counter with oscillator; 3-state
September 1993
logo
Nexperia B.V. All right...
74HC6323A NEXPERIA-74HC6323A Datasheet
256Kb / 22P
Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
logo
NXP Semiconductors
74HC6323AD PHILIPS-74HC6323AD Datasheet
90Kb / 15P
Programmable ripple counter with oscillator; 3-state
September 1993
logo
Nexperia B.V. All right...
74HC6323AD NEXPERIA-74HC6323AD Datasheet
256Kb / 22P
Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
More results

Similar Description - 74HC620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
Octal bus transceiver, inverting 3-State
1989 Nov 27
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
Octal bus transceiver; 3-state; inverting
March 1988
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
Octal 3-State Inverting Bus Transceiver
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
Octal 3-State Inverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com