Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC620 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74HC620
Description  OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC620 Datasheet(HTML) 5 Page - STMicroelectronics

  74HC620 Datasheet HTML 1Page - STMicroelectronics 74HC620 Datasheet HTML 2Page - STMicroelectronics 74HC620 Datasheet HTML 3Page - STMicroelectronics 74HC620 Datasheet HTML 4Page - STMicroelectronics 74HC620 Datasheet HTML 5Page - STMicroelectronics 74HC620 Datasheet HTML 6Page - STMicroelectronics 74HC620 Datasheet HTML 7Page - STMicroelectronics 74HC620 Datasheet HTML 8Page - STMicroelectronics 74HC620 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
50
25
60
75
90
ns
4.5
7
121518
6.0
6
101315
tPLH
tPHL
Propagation
Delay Time
(for HC620)
2.0
50
41
100
125
150
ns
4.5
12
20
25
30
6.0
10
17
21
26
2.0
150
55
130
165
195
ns
4.5
16
26
33
39
6.0
14
22
28
33
tPLH
tPHL
Propagation
Delay Time
(for HC623)
2.0
50
38
85
105
130
ns
4.5
12
17
21
26
6.0
10
14
18
22
2.0
150
51
130
165
195
ns
4.5
16
26
33
39
6.0
14
22
28
33
tPZL
tPZH
Output Enable
Time
2.0
50
RL =1 K
Ω
57
150
190
225
ns
4.5
19
30
38
45
6.0
16
26
32
38
2.0
150
RL =1 K
Ω
69
180
225
270
ns
4.5
23
36
45
54
0
20
313846
tPLZ
tPHZ
Output Disable
Time
2.0
50
RL =1 K
Ω
43
125
155
190
ns
4.5
18
25
31
38
6.0
15
21
26
32
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
for HC620
for HC623
32
34
pF
CPD isdefined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer
to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC620/623
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com