Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MULTIPORTSOFTSEAT Datasheet(PDF) 4 Page - NOSHOK, INC.

Part # MULTIPORTSOFTSEAT
Description  Multiport, Soft Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

MULTIPORTSOFTSEAT Datasheet(HTML) 4 Page - NOSHOK, INC.

  MULTIPORTSOFTSEAT Datasheet HTML 1Page - NOSHOK, INC. MULTIPORTSOFTSEAT Datasheet HTML 2Page - NOSHOK, INC. MULTIPORTSOFTSEAT Datasheet HTML 3Page - NOSHOK, INC. MULTIPORTSOFTSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
29
ANGULAR
±30'
REV.
TITLE
TOLERANCES (UNLESS OTHERWISE SPECIFIED)
DESCRIPTION
PART NO.
DATE
ECN
DRAWING NUMBER
MATERIAL
1010 WEST BAGLEY RD
BEREA. OH 44017
DECIMAL
.XX= ±.010
.XXX= ±.005
FRACTIONAL
±1/64
FINISH
63
THE COPYRIGHT OF THIS DRAWING IS THE
PROPERTY OF NOSHOK MANUFACTURING INC.
THIS DRAWING IS SUPPLIED IN CONFIDENCE AND
MAY NOT BE USED FOR ANY OTHER PURPOSE
OTHER THEN FOR WHICH IT IS SUPPLIED
QUALITY
CONTROLS
MANUFACTURING INC.
3-25/32" OPEN
3-1/2" CLOSED
1-1/4"
SQ
2-1/2"
"
1/2
2-5/16"
1-3/8"
5-3/8"
20115
MULTIPORT ASSEMBLY
1/2" NPT MALE-FEMALE
SOFT SEAT STEEL
APPRV: ML
REV: A
CHK: DM
DATE: 3/27/00
DRN: ML
SCALE: 1:1
A
REDRAWN
6/28/01
304MFC
SEE TABLE
1/2"
NPT
1/2" NPT
SIDES
1/2" NPT
DIMENSIONS
1 Valve body
2 Slotted spring pin
3 Acetal seat
4 FKM oring
5 PTFE back-up ring
6 Valve stem
7 Valve bonnet
8 Dust cap
9 Valve “T” handle
10 Set screw
1
2
3
4
5
6
7
8
9
10
Option With Packing
Multiport, Soft Seat
300
300 SERIES
ANGULAR
±30'
REV.
TITLE
TOLERANCES (UNLESS OTHERWISE SPECIFIED)
DESCRIPTION
PART NO.
DATE
ECN
DRAWING NUMBER
MATERIAL
1010 WEST BAGLEY RD
BEREA. OH 44017
DECIMAL
.XX= ±.010
.XXX= ±.005
FRACTIONAL
±1/64
FINISH
63
THE COPYRIGHT OF THIS DRAWING IS THE
PROPERTY OF NOSHOK MANUFACTURING INC.
THIS DRAWING IS SUPPLIED IN CONFIDENCE AND
MAY NOT BE USED FOR ANY OTHER PURPOSE
OTHER THEN FOR WHICH IT IS SUPPLIED
QUALITY
CONTROLS
MANUFACTURING INC.
3-3/32 OPEN
2-13/16 CLOSED
1/2
1/2
1-13/16
35/64
3/4
SQ
23/32
.50
ITEM
QTY
PART NUMBER
DESCRIPTION
MATERIAL
FINISH
DRAWING
2
1
100ST2-SS1-EPHC
MINI VALVE PACKING STEM
316 ST STL
ELECTROPOLISHED & HARD CHROME
20468
3
1
100BT4-SS1-EP
MINI VALVE BONNET
316 ST STL
ELECTROPOLISHED
20467
4
2
PW1-SS1
PACKING WASHER
316 ST STL
NONE
10548
5
1
PK1-TF1
PACKING
TEFLON
NONE
10551
6
1
PJ1-SS1-EP
JAM NUT
316 ST STL
ELECTROPOLISHED
10550
7
1
PA1-SS1-EP
PACKING ADJUSTMENT SCREW
316 ST STL
ELECTROPOLISHED
10549
8
1
HL1-SS1-EP
MINI VALVE T HANDLE
316 ST STL
ELECTROPOLISHED
10022
9
1
10-24SC12-SS1
10-24 X 3/8 LG SET SCREW
316 ST STL
NONE
10260
10
1
102BD2-SS1-EP
MINI VALVE 1/4 NPT M-F BODY
316 ST STL
ELECTROPOLISHED
20524
20877
MINI VALVE ASSEMBLY
APPRV: ML
REV: NONE
CHK: ML
DATE: 8/5/08
DRN: ML
SCALE: 1:1
102MFS-P1
SEE TABLE
1/4 NPT
TYPICAL
1 Valve packing stem
2 Valve packing bonnet
3 Packing washer
4 Packing
5 Packing washer
6 Jam nut
7 Packing adjustment screw
1
2
3
4
6
5
7
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com