Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MULTIPORTSOFTSEAT Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # MULTIPORTSOFTSEAT
Description  Multiport, Soft Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

MULTIPORTSOFTSEAT Datasheet(HTML) 2 Page - NOSHOK, INC.

  MULTIPORTSOFTSEAT Datasheet HTML 1Page - NOSHOK, INC. MULTIPORTSOFTSEAT Datasheet HTML 2Page - NOSHOK, INC. MULTIPORTSOFTSEAT Datasheet HTML 3Page - NOSHOK, INC. MULTIPORTSOFTSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
27
ORDERING
INFORMATION
300
300 SERIES
Series..............................300 soft seat
Connection size...................1/2" NPT
Valve type.............Male-female, Steel
304 – MFC
EXAMPLE
To meet all of your specific application requirements, the following additional options are available for these needle valves. To order all or any of these
options, simply add them to the part number as shown in the diagram below.
NOTE 1: The example shown includes ALL possible additional options. Please include ONLY the options required for your application when
building your part number. (EXAMPLE: 304-MFC-HL5)
NOTE 2: When a packing option is selected, an o-ring option is NOT available.
Series.............................................. 300 soft seat
Connection size................................... 1/2" NPT
Valve type..............................Male-female, Steel
Soft seat .................................................... PEEK
Packing.......................................................PTFE
Handle .........................................1-3/4" Phenolic
304 – MFC – PK1 – P1 – HL5
EXAMPLE with Additional Options
* Other o-ring materials available on request.
NOTE: Plugs and bleed plugs are available and can be ordered separately, see page 65.
Please note that the standard o-ring in all the NOSHOK valves is FKM and the standard handles are “T” handles (HL2).
The handle material will always match the material of the valve, unless otherwise specified. For example, the “T” handle (HL2) on the 304-MFC will be
Steel. When only the standard configuration is needed, no additional designations are necessary. Please consult the factory for special
application requests.
SERIES
3 300 Series, soft seat
CONNECTION SIZES
04 1/2" NPT
0604 3/4" NPT male - 1/2" NPT female
VALVE TYPES
MFC Male-Female, Steel
MFS Male-Female, Stainless Steel
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
ORDERING INFORMATION - ADDITIONAL OPTIONS
SOFT SEATS
PK1 PEEK
KF1 PCTFE
PACKING
P1 PTFE
STEM TIP
T1 Non-rotating (316 Stainless)
O-RINGS*
EM1 EPDM
KZ1 FFKM (Perfluoroelastomer)
NB1 NBR
PANEL MOUNTINGS
PM1 Panel mount (1 nut)
PM2 Panel mount (2 nuts)
HANDLES
HL4 1-3/8" Phenolic
HL5 1-3/4" Phenolic
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com