Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISTONTYPE Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # PISTONTYPE
Description  Piston Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

PISTONTYPE Datasheet(HTML) 2 Page - NOSHOK, INC.

  PISTONTYPE Datasheet HTML 1Page - NOSHOK, INC. PISTONTYPE Datasheet HTML 2Page - NOSHOK, INC. PISTONTYPE Datasheet HTML 3Page - NOSHOK, INC. PISTONTYPE Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
40
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
ORDERING
INFORMATION
DIMENSIONS
1000 SERIES
ORDERING INFORMATION
GAUGE SIZES & SERIES
25 - 10 2-1/2″
45 - 10 4-1/2″
60 - 10 6″
CONNECTION LOCATIONS
0 Bottom
1 Back
2 Side
CONNECTION SIZE
2 1/4″ NPT female
9 7/16-20 female (Back only)
PRESSURE RANGES *
P5 0 psid to 5 psid
P20 0 psid to 20 psid
P50 0 psid to 50 psid
P100 0 psid to 100 psid
P10 0 psid to 10 psid
P25 0 psid to 25 psid
P60 0 psid to 60 psid
P110 0 psid to 110 psid
P15 0 psid to 15 psid
P30 0 psid to 30 psid
P75 0 psid to 75 psid
SENSOR HOUSING MATERIALS
A Aluminum (3,000 max working pressure)
S 316L Stainless Steel (6,000 max working pressure)
O-RING
MATERIALS
1 PTFE
3 NBR
2 FKM
4 EPDM
CASE MATERIALS
A Aluminum (4-1/2" only)
P Engineered plastic
LENSES
1 Shatter-resistant acrylic
2 Safety glass **
3 Maximum indicating pointer (MIP) ***
FILL FLUID (optional)
GY Glycerin
SL Silicone †
SWITCH OR TRANSMITTER TYPE
& HOUSING
1 Single switch, flying leads with grommet wire seal
5 Single switch with Hirschman electrical connection
2 Dual switch, flying leads with grommet wire seal
6 Dual switch with Hirschman electrical connection
3 Single switch, flying leads with 1/4" female NPT, NEMA 4X
7 4-20 mA transmitter in NEMA 4x IP65 plastic enclosure with terminal
strip (1/2" female NPT conduit connection)
4 Dual switch, flying leads with 1/4" female NPT, NEMA 4X
OPTIONS
MH (2) 1/4-20 Mounting Holes
RP Reversed Ports
MK5-CS Pipe Mounting Kit, Steel
ST Stainless Steel Tagging
MK5-SS Pipe Mounting Kit, Stainless Steel
WMK Wall Mounting Kit
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
*
Other ranges and scales available on request.
** Only available with dry, 4-1/2" gauge size with Aluminum case.
*** Available with dry gauge only, 2-1/2" and 4-1/2" gauge sizes only.
†
Optional Silicone filling available with 2-1/2" and 6" gauge case sizes, and 4-1/2" gauge case size with Aluminum case and standard shatter-resistant acrylic lens only.
25-10 1 2 – P5 – A 2 P – 1
Gauge size & series ...............................2-1/2" 1000 Series
Connection location.....................................................Back
Connection size .........................................1/4" NPT female
Pressure range.............................................0 psid to 5 psid
Sensor housing material ...........................Aluminum, clear
O-ring material..............................................................FKM
Case material..........................................Engineered plastic
Lens.................................................Shatter-resistant acrylic
EXAMPLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com