Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISTONTYPE Datasheet(PDF) 3 Page - NOSHOK, INC.

Part # PISTONTYPE
Description  Piston Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

PISTONTYPE Datasheet(HTML) 3 Page - NOSHOK, INC.

  PISTONTYPE Datasheet HTML 1Page - NOSHOK, INC. PISTONTYPE Datasheet HTML 2Page - NOSHOK, INC. PISTONTYPE Datasheet HTML 3Page - NOSHOK, INC. PISTONTYPE Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
41
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
Dimensions
Differential Pressure Gauges
4-1/2" Gauge
3.29" (83.5 mm)
1.25"
(31.8 mm)
0.12" (3.1 mm)
1.42"
(36.0 mm)
2.00"
(50.7 mm)
1.00"
(25.4 mm)
0.14" (3.6 mm)
2.43"
(61.7 mm)
1.72" (43.6 mm)
Ø5.22"
(132.5 mm)
1.00" (25.4 mm)
2.12"
(53.8 mm)
2-1/2" Gauge
Ø3.00"
(76.1 mm)
Ø6.30"
(Ø160.0 mm)
6" Gauge
0.15" (3.8 mm)
2.98"
(75.8 mm)
2.04" (51.7 mm)
Ø6.95"
(176.4 mm)
1.00"
(25.4 mm)
3.29"
(83.5 mm)
4.0"
(102 mm)
3.39"
(86.0 mm)
0.50"
(12.7 mm)
1.25" (31.8 mm)
2.12"
(53.8 mm)
1.47"
(37.3 mm)
3.39" (86.0 mm)
4.0" (102 mm)
Ø8.18"
(Ø207.6 mm)
1.25" (31.8 mm)
2.12"
(53.8 mm)
1.55"
(39.4 mm)
3.39" (86.0 mm)
4.0" (102 mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com